Electronic Components Datasheet Search |
|
100LVEL11 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
100LVEL11 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The “Recommended Operating Conditions” table will define the conditions for actual device operation. LVPECL DC Electrical Characteristics V CC = 3.3V; VEE = 0.0V (Note 2) Note 2: Input and output parameters vary 1 to 1 with VCC. VEE can vary ± 0.3V. Note 3: Outputs are terminated through a 50 Ω Resistor to V CC − 2.0V. Note 4: VIHCMR minimum varies 1 to 1 with VEE. VIHCMR maximum varies 1-to-1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPMIN and 1V. Note 5: Absolute value of the input HIGH and LOW current should not exceed the absolute value of the stated Min or Max specification. Note: Devices are designed to meet the DC specifications after thermal equilibrium has been established. Circuit is tested with air flow greater than 500LFPM maintained. PECL Supply Voltage (VCC) VEE = 0V 0.0V to +8.0V NECL Supply Voltage (VEE) VCC = 0V 0.0V to −8.0V PECL DC Input Voltage (VI) VEE = 0V 0.0V to +6.0V NECL DC Input Voltage (VI) VCC = 0V 0.0V to −6.0V DC Output Current (IOUT) Continuous 50 mA Surge 100 mA Storage Temperature (TSTG) −65°C to +150°C PECL Power Supply Operating (VEE = 0V) VCC = 3.0V to 3.8V NECL Power Supply Operating (VCC = 0V) VEE = −3.8V to −3.0V Free Air Operating Temperature (TA) −40°C to +85°C Symbol Parameter −40°C25°C85°C Units Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 24 28 24 28 25 30 mA VOH Output HIGH Voltage (Note 3) 2215 2295 2420 2275 2345 2420 2275 2345 2420 mV VOL Output LOW Voltage (Note 3) 1470 1605 1745 1490 1595 1680 1490 1595 1680 mV VIH Input HIGH Voltage (Single Ended) 2135 2420 2135 2420 2135 2420 mV VIL Input LOW Voltage (Single Ended) 1490 1825 1490 1825 1490 1825 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 4) VPP < 500mV 1.2 3.1 1.1 3.1 1.1 3.1 V VPP ≥ 500mV 1.4 3.1 1.3 3.1 1.3 3.1 IIH Input HIGH Current (Note 5) 150 150 150 µA IIL Input LOW Current (Note 5) D 0.5 0.5 0.5 µA D −600 −600 −600 |
Similar Part No. - 100LVEL11 |
|
Similar Description - 100LVEL11 |