Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3018A Datasheet(PDF) 5 Page - Harris Corporation

Part # CA3018A
Description  General Purpose Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3018A Datasheet(HTML) 5 Page - Harris Corporation

  CA3018A Datasheet HTML 1Page - Harris Corporation CA3018A Datasheet HTML 2Page - Harris Corporation CA3018A Datasheet HTML 3Page - Harris Corporation CA3018A Datasheet HTML 4Page - Harris Corporation CA3018A Datasheet HTML 5Page - Harris Corporation CA3018A Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FIGURE 7. TYPICAL OFFSET VOLTAGE CHARACTERISTIC vs
TEMPERATURE
FIGURE 8. TYPICAL STATIC INPUT VOLTAGE CHARACTERISTIC
FOR DARLINGTON PAIR (Q3 AND Q4) vs EMITTER
CURRENT
FIGURE 9. TYPICAL STATIC INPUT VOLTAGE CHARACTERISTIC
FOR DARLINGTON PAIR (Q3 AND Q4) vs
TEMPERATURE
FIGURE 10. NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 11. NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 12. NOISE FIGURE vs COLLECTOR CURRENT
Typical Performance Curves (Continued)
5
4
3
2
0.75
0.50
0.25
0
-75
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (oC)
VCE = 3V
IE = 10mA
IE = 1mA
IE = 0.1mA
1.7
0.1
1
10
EMITTER CURRENT (mA)
1.6
1.5
1.4
1.3
1.2
VCE = 3V
TA = 25
oC
VCE = 3V
2
-75
1.75
1.50
1.25
1
0.75
-50
-25
0
AMBIENT TEMPERATURE (oC)
25
50
75
100
125
IE = 3mA
IE = 0.5mA
IE = 1mA
VCE = 3V
RS = 500Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1
f = 0.1kHz
f = 1kHz
f = 10kHz
VCE = 3V
RS = 1000Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1
f = 0.1kHz
f = 1kHz
f = 10kHz
VCE = 3V
RS = 10000Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1
f = 0.1kHz
f = 1kHz
f = 10kHz
25
30
CA3018, CA3018A


Similar Part No. - CA3018A

ManufacturerPart #DatasheetDescription
logo
GE Solid State
CA3018A GESS-CA3018A Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
More results

Similar Description - CA3018A

ManufacturerPart #DatasheetDescription
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Littelfuse
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com