Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY254GP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY254GP
Description  Glass Passivated Junction Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY254GP Datasheet(HTML) 1 Page - Vishay Siliconix

  BY254GP Datasheet HTML 1Page - Vishay Siliconix BY254GP Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
BY251GP thru BY255GP
Vishay Semiconductors
formerly General Semiconductor
Document Number 88541
www.vishay.com
17-Dec-02
1
Glass Passivated Junction Plastic Rectifiers
Reverse Voltage
200 to 1300V
Forward Current 3.0A
New Product
Patented*
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol BY251GP BY252GP BY253GP BY254GP BY255GP
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1300
V
Maximum RMS voltage
VRMS
140
280
420
560
910
V
Maximum DC blocking voltage
VDC
200
400
600
800
1300
V
Maximum average forward rectified current
10mm lead length at TA = 55°C
IF(AV)
3.0
A
Peak forward surge current 10ms single half sine-wave
IFSM
100
A
superimposed on rated load (JEDEC Method)
Maximum full load reverse current, full cycle average
10mm lead length at TA = 55°C
IR(AV)
100
µA
Typical thermal resistance(1)
R
ΘJA
20
R
ΘJL
10
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 3.0A
VF
1.1
V
Maximum reverse current
IR
5.0
µA
at rated DC blocking voltage TA = 25°C
Typical reverse recovery time
IF = 0.5A, IR = 1.0V, Irr = 0.25A
trr
3.0
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
40
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Capable of meeting environmental standards of MIL-S-19500
• 3.0 Ampere operation at TA=55°C with no thermal runaway
• Typical IR less than 0.1
µA
• High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 oz., 1.12 g
Packaging Codes/Options:
1 / Bulk – 1.5K per container, 15K/box
4 / 1.4K per 13” reel, 5.6K/box
23 / 1K per ammo mag., 9K/box
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
DO-201AD


Similar Part No. - BY254GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY254GP VISHAY-BY254GP Datasheet
76Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
BY254GP VISHAY-BY254GP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
13-Jun-16
More results

Similar Description - BY254GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
   Glass Passivated Junction Plastic Rectifiers
Revision: 03-Apr-08
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Gulf Semiconductor
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com