Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8130-EVAL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8130-EVAL
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130-EVAL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8130-EVAL Datasheet HTML 2Page - Analog Devices AD8130-EVAL Datasheet HTML 3Page - Analog Devices AD8130-EVAL Datasheet HTML 4Page - Analog Devices AD8130-EVAL Datasheet HTML 5Page - Analog Devices AD8130-EVAL Datasheet HTML 6Page - Analog Devices AD8130-EVAL Datasheet HTML 7Page - Analog Devices AD8130-EVAL Datasheet HTML 8Page - Analog Devices AD8130-EVAL Datasheet HTML 9Page - Analog Devices AD8130-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. 0
AD8129/AD8130
–6–
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
VOUT = 0.3V p-p
10
100
400
VS = 5V
VS = 12V
VS = 2.5V
TPC 1. AD8130 Frequency Response
vs. Supply, VOUT = 0.3 V p-p
FREQUENCY – MHz
6
1
3
0
–1
–2
–3
–4
1
2
4
5
VS = 5V
10
100
300
CL = 10pF
CL = 5pF
CL = 20pF
CL = 2pF
TPC 4. AD8130 Frequency Response
vs. Load Capacitance
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
400
VS = 5V
RL = 150
VS = 2.5V
VS = 12V
TPC 7. AD8130 Frequency Response
vs. Supply, RL = 150
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
VOUT = 1V p-p
10
100
300
VS = 5V
VS = 12V
VS = 2.5V
TPC 2. AD8130 Frequency Response
vs. Supply, VOUT = 1 V p-p
FREQUENCY – MHz
0.7
1
0.4
0.1
0.0
–0.1
–0.2
–0.3
0.2
0.3
0.5
0.6
10
100
300
VS = 5V
RL = 1k
VS = 2.5V
VS = 12V
TPC 5. AD8130 Fine Scale Response
vs. Supply, RL = 1 k
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
VS = 5V
VS = 2.5V
VS = 12V
G = 2
VOUT = 0.3V p-p
TPC 8. AD8130 Frequency Response
vs. Supply, G = 2, VOUT = 0.3 V p-p
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
VOUT = 2V p-p
10
100
300
VS = 5V
VS = 12V
VS = 2.5V
TPC 3. AD8130 Frequency Response
vs. Supply, VOUT = 2 V p-p
FREQUENCY – MHz
0.5
1
0.2
–0.1
–0.2
–0.3
–0.4
–0.5
0.0
0.1
0.3
0.4
10
100
300
VS = 5V
RL = 150
VS = 2.5V
VS = 12V
TPC 6. AD8130 Fine Scale Response
vs. Supply, RL = 150
FREQUENCY – MHz
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
VS = 5V
VS = 2.5V
VS = 12V
G = 2
VOUT = 2V p-p
TPC 9. AD8130 Frequency Response
vs. Supply, G = 2, VOUT = 2 V p-p
AD8130 Frequency Response Characteristics
(G = 1, RL = 1 k , CL = 2 pF, VOUT = 0.3 V p-p, TA = 25 C, unless otherwise noted.)


Similar Part No. - AD8130-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8130 AD-AD8130 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR AD-AD8130AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL AD-AD8130AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL7 AD-AD8130AR-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARM AD-AD8130ARM Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

Similar Description - AD8130-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com