Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G402 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FX5545G402
Description  Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G402 Datasheet(HTML) 1 Page - Vishay Siliconix

  FX5545G402 Datasheet HTML 1Page - Vishay Siliconix FX5545G402 Datasheet HTML 2Page - Vishay Siliconix FX5545G402 Datasheet HTML 3Page - Vishay Siliconix FX5545G402 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
17
FX5545G402
Vishay
Document Number: 10110
Revision 13-Mar-03
FEATURES
• Fully integrated DC/DC converter
• High efficiency over large load range
• 2MHz switching frequency
• 100% duty cycle
• Power density - more than 150W/inch
3
• 1uA shutdown current
• 2.5V to 6V input range (1Li+ and 3-cell NiCd or NiMH cells)
• 3.3V to 6V output voltage
• Programmable PWM/PSM controls
• Low output ripple
• BGA/LGA construction
• Temperature range: - 40
°C to + 85°C
• No external components needed
• Output power 5W.
• Maximum current 1000mA
• Low profile
The DC/DC converter provides fully integrated synchronous
boost converter solution for the latest one-cell lithium ion
cellular phones. Its input voltage is between 2.5V to 6V, capable
of delivering 1000mA of output current at 3.3V to 6V.
The DC/DC converter combines the 2MHz-switching
controller with fully integrated passive components needed
to deliver the smallest and most efficient converter available
today. The high switching frequency minimizes the output
capacitance with peak to peak output ripple as low as 20mV.
The DC/DC converter delivers efficiency up to 95%.
The programmable pulse-skipping mode (PSM) maintains
this high efficiency even during the standby and idle modes
to increase overall battery life and talktime. In order to extract
the last ounce of power from the battery, the DC/DC converter
is designed with 100% duty cycle control for this mode. This
function enables the DC/DC converter to operate like a
saturated linear regulator delivering the highest potential
FX
5545
G402
FUNCTION
SIZE
CIRCUIT IDENTIFIER
OUTPUT VOLTAGE-Example: 5.0V should be written as 5V0 as the V indicates the decimal point,
or ADJ for adjustable version - self selectable output voltage.
PACKAGING-B1 = 10pcs in bulk; B5 = 50pcs in bulk; T1 = 13” reel; T2 = 7” reel.
ORDERING INFORMATION
APPLICATION
• Cordless phones, PDAs and others
• Supply voltage source for low voltage chip sets
• Portable computers
• Battery back-up supplies
• Cameras
• Routers
• Fiber optics
• LANS
• Image processing
output voltage for longer talk time.
The DC/DC converter is available in 20-ports BGA package.
In order to satisfy the stringent ambient temperature
requirements, the DC/DC converter is designed to handle
the industrial temperature range of - 40
°C to + 85°C.
Industry Smallest and Low Profile
5W 1A DC/DC Boost Converter
with High Output Density Power


Similar Part No. - FX5545G402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G106 VISHAY-FX5545G106 Datasheet
556Kb / 8P
   Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density
Revision: 19-Jan-05
FX5545G206 VISHAY-FX5545G206 Datasheet
634Kb / 8P
   Industry Smallest and Low Profile 15W, 2.5A DC/DC Boost Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G201 VISHAY-FX5545G201 Datasheet
264Kb / 4P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision 14-Jun-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G2013V3T2 VISHAY-FX5545G2013V3T2 Datasheet
322Kb / 5P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision: 22-Apr-09
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com