Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM76V256C Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GM76V256C
Description  32K x8 bit 3.3V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM76V256C Datasheet(HTML) 3 Page - Hynix Semiconductor

  GM76V256C Datasheet HTML 1Page - Hynix Semiconductor GM76V256C Datasheet HTML 2Page - Hynix Semiconductor GM76V256C Datasheet HTML 3Page - Hynix Semiconductor GM76V256C Datasheet HTML 4Page - Hynix Semiconductor GM76V256C Datasheet HTML 5Page - Hynix Semiconductor GM76V256C Datasheet HTML 6Page - Hynix Semiconductor GM76V256C Datasheet HTML 7Page - Hynix Semiconductor GM76V256C Datasheet HTML 8Page - Hynix Semiconductor GM76V256C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GM76V256C Series
Rev 02 / Apr. 2001
2
ORDERING INFORMATION
Part No.
Speed
Power
Temp
Package
GM76V256CL
85/100
L-part
0 to 70
°C PDIP
GM76V256CLL
85/100
LL-part
0 to 70
°C PDIP
GM76V256CLE
85/100
L-part
-25 to 85
°C PDIP
GM76V256CLLE
85/100
LL-part
-25 to 85
°C PDIP
GM76V256CLFW
85/100
L-part
0 to 70
°C SOP
GM76V256CLLFW
85/100
LL-part
0 to 70
°C SOP
GM76V256CLEFW
85/100
L-part
-25 to 85
°C SOP
GM76V256CLLEFW
85/100
LL-part
-25 to 85
°C SOP
GM76V256CLT
85/100
L-part
0 to 70
°C TSOP-I Standard
GM76V256CLLT
85/100
LL-part
0 to 70
°C TSOP-I Standard
GM76V256CLET
85/100
L-part
-25 to 85
°C TSOP-I Standard
GM76V256CLLET
85/100
LL-part
-25 to 85
°C TSOP-I Standard
ABSOLUTE MAXIMUM RATING (1)
Symbol
Parameter
Rating
Unit
Vcc, VIN, VOUT
Power Supply, Input/Output Voltage
-0.3 to 4.6
V
TA
Operating Temperature
GM76V256C
0 to 70
°C
GM76V256CE
-25 to 85
°C
TSTG
Storage Temperature
-65 to 150
°C
PD
Power Dissipation
1.0
W
IOUT
Data Output Current
50
mA
TSOLDER
Lead Soldering Temperature & Time
260
•10
°C•sec
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied.
Exposure to the absolute maximum rating conditions for extended period may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Power Supply Voltage
3.0
3.3
3.6
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3(1)
-
0.4
V
Note
1. VIL = -3.0V for pulse width less than 50ns
TRUTH TABLE
/CS
/WE
/OE
Mode
I/O Operation
H
X
X
Standby
High-Z
L
H
H
Output Disabled
High-Z
L
H
L
Read
Data Out
L
L
X
Write
Data In
Note
1. H=VIH, L=VIL, X=Don't Care


Similar Part No. - GM76V256C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630 Datasheet
1Mb / 1P
   Multi-output Regulators
GM7630 GAMMA-GM7630 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
List of Unclassifed Man...
GM7630SIP10T ETC-GM7630SIP10T Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7630SIP10T GAMMA-GM7630SIP10T Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
More results

Similar Description - GM76V256C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
logo
List of Unclassifed Man...
UC62WV0256 ETC-UC62WV0256 Datasheet
465Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com