Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3203 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AX3203
Description  150KHz, 5A PWM Buck DC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3203 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AX3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page No. : 5/7
AVANTICS - AX3203 Series
Specification No.: 050310-FE0010
Typical Application Circuit
Fig.1 Fixed Type Circuit
Fig.2 Adjustable Output Voltage Versions
AX3203
Fix Output
D1
L1
18uH
L
O
A
D
C2
220uF
2
Output
5 ON/OFF
3 GND
1
Input
+
Unregulated
DC Input
4 Feedback
C1
680uF
AX3203
Adjustable Output
D1
L1
22uH
L
O
A
D
C2
220uF
2
Output
5 ON/OFF
3 GND
1
Input
+
Unregulated
DC Input
4 Feedback
C1
680uF
R1
R2
1K


Similar Part No. - AX3203

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0 Datasheet
673Kb / 22P
   compliantFeaturesApplications?ъ쭊Acriche series
AX32X0-1A SEOUL-AX32X0-1A Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1B SEOUL-AX32X0-1B Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1C SEOUL-AX32X0-1C Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1D SEOUL-AX32X0-1D Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - AX3203

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com