Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1387C-167BGC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1387C-167BGC
Description  18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387C-167BGC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1387C-167BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1387C-167BGC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CY7C1386C
CY7C1387C
Document #: 38-05239 Rev. *B
Page 9 of 34
CE3 [2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the
rising edge of CLK. Used in conjunction with CE1 and
CE2 to select/deselect the device. Not connected for
BGA. Where referenced, CE3[2] is assumed active
throughout this document for BGA.
OE
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input, active LOW.
Controls the direction of the I/O pins. When LOW, the
I/O pins behave as outputs. When deasserted HIGH,
DQ pins are tri-stated, and act as input data pins. OE is
masked during the first clock of a read cycle when
emerging from a deselected state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the rising edge of
CLK, active LOW. When asserted, it automatically
increments the address in a burst cycle.
ADSP
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled on the
rising edge of CLK, active LOW. When asserted LOW,
addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst
counter. When ADSP and ADSC are both asserted, only
ADSP is recognized. ASDP is ignored when CE1 is
deasserted HIGH.
ADSC
85
P4
A8
Input-
Synchronous
Address Strobe from Controller, sampled on the
rising edge of CLK, active LOW. When asserted LOW,
addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst
counter. When ADSP and ADSC are both asserted, only
ADSP is recognized.
ZZ
64
T7
H11
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When asserted HIGH
places the device in a non-time-critical “sleep” condition
with data integrity preserved. For normal operation, this
pin has to be LOW or left floating. ZZ pin has an internal
pull-down.
DQs, DQPs 58,59,62,63,
68,69,72,73,
8,9,12,13,18
,19,22,23,74
,24
P7,K7,G7,
E7,F6,H6,
L6,N6,D1,
H1,L1,N1,
E2,G2,K2,
M2,D6,P2
J10,K10,L10,
M10,D11,
E11,F11,G11
,J1,K1,L1,M1
,D2,E2,F2,
G2,C11,N1
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into
an on-chip data register that is triggered by the rising
edge of CLK. As outputs, they deliver the data contained
in the memory location specified by the addresses
presented during the previous clock rise of the read
cycle. The direction of the pins is controlled by OE.
When OE is asserted LOW, the pins behave as outputs.
When HIGH, DQs and DQPX are placed in a tri-state
condition.
VDD
15,41,65,91 C4,J2,J4,
J6,R4
D4,D8,E4,E8
,F4,F8,G4,
G8,H4,H8,J4
,J8,K4,K8,L4
,L8,M4,M8
Power Supply Power supply inputs to the core of the device.
CY7C1387C:Pin Definitions (continued)
Name
TQFP
BGA
(2-Chip
Enable)
fBGA
I/O
Description


Similar Part No. - CY7C1387C-167BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387CV25 CYPRESS-CY7C1387CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167AC CYPRESS-CY7C1387CV25-167AC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167AI CYPRESS-CY7C1387CV25-167AI Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167BGC CYPRESS-CY7C1387CV25-167BGC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167BGI CYPRESS-CY7C1387CV25-167BGI Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387C-167BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com