Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS611 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS611
Description  PHOTON COUPLED BILATERAL ANALOG FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS611 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS611 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS611 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS611 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
19/4/99
DB91069AAS/A2
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 2 available lead forms : -
- STD
- G form
DESCRIPTION
The IS610, IS611 are optically coupled isolators
consisting of infrared light emitting diode and a
symmetrical bilateral silicon photodetector. The
detector is electrically isolated from the input and
performs like an ideal isolated FET designed for
distortion-free control of low level ac and dc
analog signals.The IS610, IS611 are mounted in a
standard 6pin dual in line plastic package.
FEATURES
l
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
As a remote variable resistor
l
≤100Ω to ≥300MΩ
l
≥ 99.9% Linearity
l
≤15 pF Shunt Capacitance
l
≥100GΩ I/O Isolation Resistance
As an Analog Signal Switch
l
Extremely low Offset Voltage
l
60V pk-pk Signal Capability
l
No Charge Injection or Latchup
l
ton, toff
≤15µs
APPLICATIONS
As a remote variable resistor
l
Isolated variable attenuator
l
Automatic gain control
l
Active filter fine tuning / band switching
IS610X, IS611X
IS610, IS611
Dimensions in mm
2.54
7.0
6.0
7.62
max.
0.5
min.
3.9
3.1
5.1
max.
15°
Max
0.25
0.48
8.3 max.
OPTION G
8.3 max
SURFACE MOUNT
OPTION SM
10.16
10.2
9.5
0.26
1.2
0.6
1.4
0.9
1
3
4
6
2
5
APPLICATIONS (cont.)
As an Analog Signal Switch
l
Isolated sample and hold circuit
l
Multiplexed, optically isolated A/D conversion
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
100mW
OUTPUT TRANSISTOR
Breakdown Voltage
±30V
Detector Current (continuous)
±100mA
Power Dissipation
300mW
POWER DISSIPATION
Total Power Dissipation
350mW
PHOTON COUPLED BILATERAL
ANALOG FET
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com


Similar Part No. - IS611

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61/64WV20488BLL ISSI-IS61/64WV20488BLL Datasheet
365Kb / 19P
   2M x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024 ISSI-IS61C1024 Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12H ISSI-IS61C1024-12H Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12HI ISSI-IS61C1024-12HI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12J ISSI-IS61C1024-12J Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS611

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3085 NTE-NTE3085 Datasheet
24Kb / 2P
   Optoisolator Photon Coupled Bilateral Analog FET
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
   PHOTON COUPLED ISOLATOR
CNY51 GESS-CNY51 Datasheet
166Kb / 4P
   PHOTON COUPLED LSOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
Intersil Corporation
CNY47 INTERSIL-CNY47 Datasheet
92Kb / 2P
   PHOTON COUPLED LSOLATOR
logo
PerkinElmer Optoelectro...
GE3009 PERKINELMER-GE3009 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H11V2 ETC1-H11V2 Datasheet
125Kb / 3P
   Photon Coupled Isolator
logo
New Jersey Semi-Conduct...
4N29 NJSEMI-4N29 Datasheet
171Kb / 1P
   Photon Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com