Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8842-16MQL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KS8842-16MQL
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8842-16MQL Datasheet(HTML) 1 Page - Micrel Semiconductor

  KS8842-16MQL Datasheet HTML 1Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micrel Semiconductor
TEL:
1.408.944.0800 FAX: 1.408.474.1000 HTTP:// www.micrel.com
Queue
Management
Buffer
Management
Frame
Buffers
10/100
MAC 1
10/100
MAC 2
10/100
T/TX
PHY 1
10/100
T/TX
PHY 2
EEPROM
Interface
HP Auto
MDI/MDI-X
HP Auto
MDI/MDI-X
MIB
Counters
P1 LED[3:0]
P2 LED[3:0]
EEPROM I/F
Non-PCI
CPU
Bus Interface Unit
Embedded
Processor Interface
8/16/32 Bit
Generic Host Interface
Control
Registers
Drivers
LED
1K Look-Up
Engine
DMA
Channel
Benefits
Offers all of the features of an integrated Layer 2
managed switch plus:
• Fully compliant to the IEEE 802.3u standard
• Repeater mode capabilities to allow for ‘cut-thru’ in
latency critical Industrial Ethernet or Embedded
Ethernet applications
• MAC filtering function to filter unicast packets
• Dynamic buffer memory scheme
– Essential for applications such as Video over IP
where image jitter is unacceptable
• 2-Port switch with flexible 8/16/32 bit generic host
processor interface
• Micrel LinkMDTM cable diagnostic capabilities to
determine cable length, diagnose faulty cables, and
determine distance to fault
• HP Auto MDI-X crossover with disable and enable
option
• Industrial Temperature support: –40oC to +85oC
available from Q4
• Four priority queues to handle voice, video, data,
and control packets
www.micrel.com
Note: For an MII/RMII, I2C or SPI interface, use the KS8883ML.
LinkMD is a trademark of Micrel, Inc.
Description
The KS8842M is the industry’s first fully managed 2-port
switch with a non-PCI CPU interface. The KS8842 is a
proven, 4th generation, integrated Layer 2 switch that is
compliant to the IEEE 802.3u standard.
The KS8842M can also be configured as a low-latency
repeater to allow for ‘cut thru’ in latency critical Embedded
or Industrial Ethernet applications. For industrial automa-
tion applications in the repeater mode, the KS8842M runs
in half-duplex mode regardless of the application.
The KS8842M offers an extensive feature set that includes
tag/port-based VLAN, QoS priority management, MAC
filtering function, MIB counters, and CPU control/data
interfaces to effectively address both current and emerg-
ing Fast Ethernet applications.
The KS8842 contains two 10/100 transceivers with pat-
ented mixed-signal low-power technology, two media ac-
cess control (MAC) units and a direct memory access
(DMA) channel, a high-speed non-blocking switch fabric,
a dedicated 1K entry forwarding table, and an on-chip
frame buffer memory.
Block Diagram
Block Diagram
Block Diagram
Block Diagram
Block Diagram
KS8842-16MQL
KS8842-32MQL
Product Brief
2-Port Ethernet Switch
with Non-PCI Interface
Applications
• Industrial applications for daisy chaining
multiple devices
• Industrial control in latency critical
applications
• Port redundancy and port monitoring
• Security cameras
• VoIP phone and ATA adaptors


Similar Part No. - KS8842-16MQL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8803 SAMSUNG-KS8803 Datasheet
109Kb / 9P
   10/15 CH PLL
KS8803B SAMSUNG-KS8803B Datasheet
109Kb / 9P
   10/15 CH PLL
KS8803BD SAMSUNG-KS8803BD Datasheet
109Kb / 9P
   10/15 CH PLL
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808A SAMSUNG-KS8808A Datasheet
185Kb / 12P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
More results

Similar Description - KS8842-16MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com