Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4250H Datasheet(PDF) 3 Page - Linear Technology

Part # LT4250H
Description  Negative 48V Hot Swap Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250H Datasheet(HTML) 3 Page - Linear Technology

  LT4250H Datasheet HTML 1Page - Linear Technology LT4250H Datasheet HTML 2Page - Linear Technology LT4250H Datasheet HTML 3Page - Linear Technology LT4250H Datasheet HTML 4Page - Linear Technology LT4250H Datasheet HTML 5Page - Linear Technology LT4250H Datasheet HTML 6Page - Linear Technology LT4250H Datasheet HTML 7Page - Linear Technology LT4250H Datasheet HTML 8Page - Linear Technology LT4250H Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT4250L/LT4250H
4250lhf
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2), VDD = 48V, VEE = 0V unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
1.3
1.4
1.5
60
100
1640 G01
1.2
1.1
0
20
40
80
1.6
1.7
1.8
TA = 25°C
Supply Current vs Supply Voltage
TEMPERATURE (
°C)
–50
– 25
1.0
1.1
1.2
1.3
1.4
1.6
025
50
75
1640 G02
100
1.5
VDD = 48V
Supply Current vs Temperature
SUPPLY VOLTAGE (V)
0
6
7
9
10
11
40
80
100
15
1640 G03
8
20
60
12
13
14
TA = 25°C
Gate Voltage vs Supply Voltage
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOVHY
OV Pin Hysteresis
20
mV
IINOV
OV Pin Input Current
VOV = VEE
q
– 0 .03
– 0.5
µA
VDL
DRAIN Low Threshold
VDRAIN – VEE, DRAIN Decreasing
1.1
1.6
2.3
V
VGH
GATE High Threshold
∆VGATE – VGATE Decreasing
1.3
V
IDRAIN
Drain Input Bias Current
VDRAIN = 48V
q
10
80
500
µA
VOL
PWRGD Output Low Voltage
PWRGD (LT4250L), (VDRAIN – VEE) < VDL
IOUT = 1mA
q
0.48
0.8
V
IOUT = 5mA
q
1.2
3.0
V
PWRGD Output Low Voltage
PWRGD (LT4250H), VDRAIN = 5V
(PWRGD – DRAIN)
IOUT = 1mA
q
0.75
1.0
V
IOH
Output Leakage
PWRGD (LT4250L), VDRAIN = 48V, VPWRGD = 80V
q
0.05
10
µA
PWRGD (LT4250H), VDRAIN = 0V, VPWRGD = 80V
q
0.05
10
µA
AC
tPHLOV
OV High to GATE Low
Figures 1a, 2
1.7
µs
tPHLUV
UV Low to GATE Low
Figures 1a, 3
1.5
µs
tPLHOV
OV Low to GATE High
Figures 1a, 2
5.5
µs
tPLHUV
UV High to GATE High
Figures 1a, 3
6.5
µs
tPHLSENSE SENSE High to Gate Low
Figures 1a, 4a
1
3
µs
tPHLCB
Current Limit to GATE Low
Figures 1b, 4b
500
µs
tPHLDL
DRAIN Low to PWRGD Low
(LT4250L) Figures 1a, 5a
1
µs
DRAIN Low to (PWRGD – DRAIN) High
(LT4250H) Figures 1a, 5a
1
µs
tPHLGH
GATE High to PWRGD Low
(LT4250L) Figures 1a, 5b
1.5
µs
GATE High to (PWRGD – DRAIN) High
(LT4250H) Figures 1a, 5b
1.5
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.


Similar Part No. - LT4250H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250H LINER-LT4250H Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
logo
Analog Devices
LT4250H AD-LT4250H Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LT4250H AD-LT4250H Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
More results

Similar Description - LT4250H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com