Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV225TLX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV225TLX
Description  RF Power Detector for CDMA and WCDMA
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV225TLX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV225TLX Datasheet HTML 7Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 8Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 9Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 10Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 11Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 12Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 13Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 14Page - National Semiconductor (TI) LMV225TLX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified, V
DD = 2.7V, TJ =
25˚C. (Continued)
Output Voltage and Log Conformance vs.
RF Input Power @ 1900 MHz (LMV225)
Output Voltage and Log Conformance vs.
RF Input Power @ 1900 MHz (LMV226)
20076008
20076055
Output Voltage and Log Conformance vs.
RF Input Power @ 1900 MHz (LMV228)
Output Voltage and Log Conformance vs.
RF Input Power @ 2000 MHz (LMV225)
20076038
20076009
Output Voltage and Log Conformance vs.
RF Input Power @ 2000 MHz (LMV226)
Output Voltage and Log Conformance vs.
RF Input Power @ 2000 MHz (LMV228)
20076056
20076039
www.national.com
11


Similar Part No. - LMV225TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV225TLX/NOPB TI1-LMV225TLX/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225TLX/NOPB TI1-LMV225TLX/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
More results

Similar Description - LMV225TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
   Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com