Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1146 Datasheet(PDF) 6 Page - OKI electronic componets

Part # KGF1146
Description  Small-Signal Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1146 Datasheet(HTML) 6 Page - OKI electronic componets

  KGF1146 Datasheet HTML 1Page - OKI electronic componets KGF1146 Datasheet HTML 2Page - OKI electronic componets KGF1146 Datasheet HTML 3Page - OKI electronic componets KGF1146 Datasheet HTML 4Page - OKI electronic componets KGF1146 Datasheet HTML 5Page - OKI electronic componets KGF1146 Datasheet HTML 6Page - OKI electronic componets KGF1146 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
KGF1146
¡ electronic components
Typical S Parameters
VDD = 5 V, ID = 1.85 mA
Frequency : 0.5 to 3.0 GHz
Z0 = 50 W
j0.2
j0.5
j1.0
j2.0
j5.0
0.0
0.2
0.5
1.0
2.0
5.0
0.5
180
135
90
45
0
5.0
4.0
3.0
2.0
1.0
0.01 0.02 0.03 0.04
0.05
0.5
S11
3.0
3.0
S22
3.0
3.0
S12
S21
0.5
0.5


Similar Part No. - KGF1146

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1145 OKI-KGF1145 Datasheet
178Kb / 5P
   UHF-band Device Series
More results

Similar Description - KGF1146

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
OKI electronic componet...
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
   Small-Signal Amplifier
KGF1156 OKI-KGF1156 Datasheet
72Kb / 7P
   Small-Signal Amplifier
KGF1175B OKI-KGF1175B Datasheet
103Kb / 8P
   Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
   Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
   Small-Signal Amplifier
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
   Small-Signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
   General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com