Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3293 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PE3293
Description  1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PE3293 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PE3293 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 3Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 4Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 5Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 6Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 7Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 8Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PE3293
Product Specification
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 5 of 18
Table 3. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VDDI, VDD2
Prescaler supply voltage
-0.3
VDD
V
VI
Voltage on any input
-0.3
VDD
+
0.3
V
II
DC into any input
-10
+10
mA
Tstg
Storage temperature
range
-65
150
°C
Table 4. Operating Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.7
3.3
V
VDD1, VDD2
Prescaler supply voltage
0.8
VDD
°C
TA
Operating ambient
temperature range
-40
85
°C
Table 5. ESD Ratings
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage human body
model (Note 1)
2000
V
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the same
precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified in Table 5.
Latch-Up Avoidance
Unlike conventional CMOS devices, UTSi CMOS
devices are immune to latch-up.


Similar Part No. - PE3293

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3293 PASTERNACK-PE3293 Datasheet
239Kb / 1P
   CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
PE3293-12 PASTERNACK-PE3293-12 Datasheet
239Kb / 1P
   CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
PE3293-24 PASTERNACK-PE3293-24 Datasheet
239Kb / 1P
   CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
PE3293-36 PASTERNACK-PE3293-36 Datasheet
239Kb / 1P
   CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
PE3293-48 PASTERNACK-PE3293-48 Datasheet
239Kb / 1P
   CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
More results

Similar Description - PE3293

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3291 PEREGRINE-PE3291 Datasheet
238Kb / 15P
   1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
PE3282A PEREGRINE-PE3282A Datasheet
213Kb / 14P
   1.1 GHz/510 MHz Dual Fractional-N PLL IC for Frequency Synthesis
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
logo
Toshiba Semiconductor
TB31356AFL TOSHIBA-TB31356AFL Datasheet
297Kb / 10P
   1.8GHz,600MHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F86UL FUJITSU-MB15F86UL Datasheet
313Kb / 28P
   Fractional-N PLL Frequency Synthesizer
logo
Analog Devices
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
   Evaluation Board For Fractional-N PLL Frequency Synthesizer
REV.PrA 03/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com