Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNSU10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LNSU10
Description  NTC Thermistor SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNSU10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LNSU10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 9Page - List of Unclassifed Manufacturers LNSU10 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Item
Test Method
Criteria for judging
RELIABILITY TEST METHOD
Resistance to Soldering
Heat Test
Solderability Test
Adhesion
Resistance to
flexure of substrate
Dry Heat Test
Cold Test
Damp Heat Test
(Steady State)
Thermal shock Test
Soldering temperature : 260¡ 5oC
Duration of immersion : 10¡ 1sec.
Preheating : 150¡ , 1min.
Soldering temperature : 230¡ 5oC
Duration of immersion : 5¡ 1sec.
Preheating : 150oC, 1min.
Force W is applied to DUT.
The middle part of substrate shall, successively, be
pressurized by means of the pressurizing rod at a rate
of about 1§fi/sec.
Maintenance time : 5 sec.
Bending distance : 1§fi
Test temperature :
125¡ 2oC, 85¡ 2oC (R-T curve Z)
Test duration : 1000+48hrs.
After completion of the test, leaving the sample under
the standard conditions for 24¡ 2hrs.
Test temperature : -30¡ 2oC
Test duration : 1000+48hrs.
After completion of the test, leaving the sample under
the standard conditions for 24¡ 2hrs.
Test temperature : 60¡ 2oC
Test relative humidity : 90¡›95RH%
Test duration : 1000+24hrs.
After completion of the test, leaving the sample under
the standard conditions for 24¡ 2hrs.
This cycle is repeated 1000 times. After completion of
the test, allow the sample to stand under the standard
conditions for at 24¡ 2hrs.
Visual : No mechanical damage Zero-power
resistance at 25oC
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
At least 75% of the electrode must be covered with
new solder.
2012 : over 2.0 kg f
1608 : over 1.0 kg f
1005 : over 0.7 kg f
Visual : No mechanical damage
Zero-power resistance at 25oC:
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
Zero-power resistance at 25oC:
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
Zero-power resistance at 25oC:
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
Zero-power resistance at 25¡ :
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
NTC Thermistor SMD
13
www.lattron.com


Similar Part No. - LNSU10

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LNSU100-C2000 PAIRUI-LNSU100-C2000 Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LNSU100-C2400 PAIRUI-LNSU100-C2400 Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
More results

Similar Description - LNSU10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
   Power NTC Thermistor
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
logo
EPCOS
B57431V2104J062 EPCOS-B57431V2104J062 Datasheet
236Kb / 7P
   SMD NTC Thermistor with Ni-Barrier Termination
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com