Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1175B Datasheet(PDF) 3 Page - OKI electronic componets

Part # KGF1175B
Description  Small-Signal Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1175B Datasheet(HTML) 3 Page - OKI electronic componets

  KGF1175B Datasheet HTML 1Page - OKI electronic componets KGF1175B Datasheet HTML 2Page - OKI electronic componets KGF1175B Datasheet HTML 3Page - OKI electronic componets KGF1175B Datasheet HTML 4Page - OKI electronic componets KGF1175B Datasheet HTML 5Page - OKI electronic componets KGF1175B Datasheet HTML 6Page - OKI electronic componets KGF1175B Datasheet HTML 7Page - OKI electronic componets KGF1175B Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
KGF1175B/1175
¡ electronic components
Item
PO
Symbol
Condition
Max.
Unit
Output power
dBm
2.0
Min.
3.0
(*1), PIN = –3 dBm
Typ.
Noise figure
F
(*1)
dB
Linear gain
GLIN
dB
(Ta = 25°C)
12.0
(*1), PIN = –20 dBm
Third-order intercept point
IP3
dBm
—11
(*1), f2 = 851 MHz
VGS(off)
Gate-source cut-off voltage
–1.0
V
–2.0
VDS = 3 V, IDS = 120 mA—
IDS(off)
Drain-source leakage current
120
mA—
VDS = 3 V, VGS = –2.5 V
IGDO
Gate-drain leakage current
60
mA—
VGD = –8 V
IGSS
Gate-source leakage current
12
mA—
VGS = –3 V
ID
Operating current
2.5
mA
(*1), PIN = –20 dBm
IDSS
Drain current
mA
15
VDS = 3 V, VGS = 0 V
8—
Transconductance
gm
VDS = 3 V, IDS = 1.5 mA
mS
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Item
VDS
Symbol
Condition
Max.
Unit
Drain-source voltage
Gate-source voltage
Total power dissipation
Channel temperature
VGS
Ptot
Tch
Ta = 25°C
7.0
0.4
200
150
V
V
mW
°C
Storage temperature
Tstg
125
°C
Min.
–3.0
–45
Ta = 25°C
Ta = 25°C
Drain current
IDS
Ta = 25°C
60
mA
*1 Self-bias condition: VDD = 5.0 V±0.25 V, VG = 0 V, f = 850 MHz


Similar Part No. - KGF1175B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1175 OKI-KGF1175 Datasheet
178Kb / 5P
   UHF-band Device Series
More results

Similar Description - KGF1175B

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
OKI electronic componet...
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
   Small-Signal Amplifier
KGF1156 OKI-KGF1156 Datasheet
72Kb / 7P
   Small-Signal Amplifier
KGF1146 OKI-KGF1146 Datasheet
65Kb / 7P
   Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
   Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
   Small-Signal Amplifier
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
   Small-Signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
   General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com