Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU113 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAU113
Description  1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAU113 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAU113 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAU113 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAU113 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAU113 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAU113 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAU113 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Derating Curve ( all other output )
Derating Curve ( 3.3V,5V & {5V )
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
MAU100 Series
7
MINMAX


Similar Part No. - MAU113

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU113 TOTAL-POWER-MAU113 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MAU113 MINMAX-MAU113 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU113 MINMAX-MAU113 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU113 MINMAX-MAU113 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MAU113 TOTAL-POWER-MAU113 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU113

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com