Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNSY20 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LNSY20
Description  NTC Thermistor SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNSY20 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LNSY20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 9Page - List of Unclassifed Manufacturers LNSY20 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Recommended Land Pattern
Soldering
Hand soldering : 280oC max., 5sec max.
Reflow profile
Chip size
a
b
c
1005(0402)
0.4
0.4¡›0.5
0.5
1608(0603)
0.6¡›0.8
0.6¡›0.7
0.6¡›0.8
2012(0805)
1.0¡›1.1
0.6¡›0.7
1.0¡›1.2
3216(1206)
2.1¡›2.3
1.0¡›1.1
1.3¡›1.4
Component Layout
Locate the product horizontal to the direction at which bending
is applied.
Component Mounting
SMT Process Characteristics
16
www.lattron.com
Solder and Flux
Solder : Eutetic solder recommended
Flux
: Rosin based flux recommended
Halogen content 0.2 w% or less recommended
Flow profile


Similar Part No. - LNSY20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LNS VISHAY-LNS Datasheet
94Kb / 4P
   Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-15
logo
PAIRUI GROUP INC.
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LNS-12C PAIRUI-LNS-12C Datasheet
592Kb / 10P
   Constant Current LED Power Supplies
LNS-20C PAIRUI-LNS-20C Datasheet
582Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
More results

Similar Description - LNSY20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
   Power NTC Thermistor
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
logo
EPCOS
B57431V2104J062 EPCOS-B57431V2104J062 Datasheet
236Kb / 7P
   SMD NTC Thermistor with Ni-Barrier Termination
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com