Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5014 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5014
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5014 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5014 Datasheet HTML 4Page - Maxim Integrated Products MAX5014 Datasheet HTML 5Page - Maxim Integrated Products MAX5014 Datasheet HTML 6Page - Maxim Integrated Products MAX5014 Datasheet HTML 7Page - Maxim Integrated Products MAX5014 Datasheet HTML 8Page - Maxim Integrated Products MAX5014 Datasheet HTML 9Page - Maxim Integrated Products MAX5014 Datasheet HTML 10Page - Maxim Integrated Products MAX5014 Datasheet HTML 11Page - Maxim Integrated Products MAX5014 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Optocoupled Feedback
Isolated voltage feedback is achieved by using an opto-
coupler and a shunt regulator as shown in Figure 2. The
output voltage set point accuracy is a function of the
accuracy of the shunt regulator and feedback resistor-
divider tolerance.
Internal Regulators
The internal regulators of the MAX5014/MAX5015
enable initial startup without a lossy startup resistor and
regulate the voltage at the output of a tertiary (bias)
winding to provide power for the IC. At startup V+ is
regulated down to VCC to provide bias for the device.
The VDD regulator then regulates from the output of the
tertiary winding to VCC. This architecture allows the ter-
tiary winding to only have a small filter capacitor at its
output thus eliminating the additional cost of a filter
inductor.
When designing the tertiary winding calculate the num-
ber of turns so the minimum reflected voltage is always
higher than 12.7V. The maximum reflected voltage
must be less than 36V.
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
8
_______________________________________________________________________________________
MAX5015
VDD
V+
SS_SHDN
NDRV
CS
GND
VCC
OPTO
VIN
(36V TO 72V)
VOUT
OPTOCOUPLER
CDD
47
µF
CSS
0.1
µF
3k
4.75k
CCC
10
µF
100
RSENSE
100m
20
R1
25.5k
R2
8.25k
COUT
3
× 560µF
0.1
µF
CIN
3
× 0.47µF
L1
4.7
µH
0.1
µF
240k
NT
NR
NP
NS
M1
IRF640N
4.7nF
250VAC
TLV431
1N4148
6
CMHD2003
14
5
1nF
SBL204OCT
5V/10A
220
14
Figure 2. Forward Converter


Similar Part No. - MAX5014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX501-MAX502 MAXIM-MAX501-MAX502 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEPI MAXIM-MAX5012AEPI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEQI MAXIM-MAX5012AEQI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
More results

Similar Description - MAX5014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5019 MAXIM-MAX5019 Datasheet
328Kb / 14P
   Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5052 MAXIM-MAX5052 Datasheet
349Kb / 13P
   Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Rev 1; 11/03
MAX8540 MAXIM-MAX8540 Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX5975A MAXIM-MAX5975A Datasheet
2Mb / 20P
   Current-Mode PWM Controllers with Frequency Dithering for EMI-Sensitive Power Supplies
Rev 0; 9/10
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
STR5A460 SANKEN-STR5A460 Datasheet
1Mb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
   High Performance, Integrated Current Mode PWM Controllers
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com