Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5014 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5014
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5014 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5014 Datasheet HTML 1Page - Maxim Integrated Products MAX5014 Datasheet HTML 2Page - Maxim Integrated Products MAX5014 Datasheet HTML 3Page - Maxim Integrated Products MAX5014 Datasheet HTML 4Page - Maxim Integrated Products MAX5014 Datasheet HTML 5Page - Maxim Integrated Products MAX5014 Datasheet HTML 6Page - Maxim Integrated Products MAX5014 Datasheet HTML 7Page - Maxim Integrated Products MAX5014 Datasheet HTML 8Page - Maxim Integrated Products MAX5014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 13V, a 10µF capacitor connects VCC to GND, VCS = 0, V+ = 48V, 0.1µF capacitor connected to SS_SHDN, NDRV = open cir-
cuit, OPTO = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ……………………………………...……-0.3V to +120V
VDD to GND.………………………………….……….-0.3V to +40V
VCC to GND.………………….……………………-0.3V to +12.5V
OPTO, NDRV, SS_SHDN, CS to GND .……-0.3V to VCC + 0.3V
VDD and VCC Current …………………...…………………..20mA
NDRV Current Continuous...………………………………….25mA
NDRV Current for Less than 1µs..………….…………….……±1A
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C) .………....471mW
Operating Temperature Range…………..……...-40°C to +85°C
Storage Temperature Range……………..…….-65°C to +150°C
Lead Temperature (soldering, 10s) ……………… ………+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
IV+(NS)
VDD = 0, V+ = 110V, driver not switching
0.85
1.3
V+ Supply Current
IV+(S)
V+ = 110V, VDD = 0, VOPTO = 4V,
driver switching
1.4
2.6
mA
V+ Supply Current After Startup
V+ = 110V, VDD = 13V, VOPTO = 4V
11
µA
IVDD(NS)
VDD = 36V, driver not switching
0.9
1.3
VDD Supply Current
IVDD(S)
VDD = 36V, driver switching, VOPTO = 4V
1.9
2.7
mA
V+ Shutdown Current
VSS_SHDN = 0, V+ = 110V
190
290
µA
VDD Shutdown Current
VSS_SHDN = 0
8
20
µA
PREREGULATOR/STARTUP
V+ Input Voltage
18
110
V
VDD Supply Voltage
13
36
V
INTERNAL REGULATORS (VCC)
Powered from V+, ICC = 7.5mA, VDD = 0
7.5
9.8
12
V
VCC Output Voltage
Powered from VDD, ICC = 7.5mA
9.0
10.0
11.0
V
VCC Undervoltage Lockout
VCC_UVLO
VCC falling
6.6
V
OUTPUT DRIVER
Peak Source Current
VCC = 11V, (externally forced)
570
mA
Peak Sink Current
VCC = 11V, (externally forced)
1000
mA
NRDV High-Side Driver
Resistance
ROH
VCC = 11V, externally forced,
NDRV sourcing 50mA
412
NDRV Low Side Driver
Resistance
ROL
VCC = 11V, externally forced,
NDRV sinking 50mA
1.6
4
PWM COMPARATOR
OPTO Input Bias Current
VOPTO = VSS_SHDN
-1.00
1.00
µA
OPTO Control Range
23
V
Slope Compensation
VSCOMP
MAX5014
26
mV/µs


Similar Part No. - MAX5014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX501-MAX502 MAXIM-MAX501-MAX502 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEPI MAXIM-MAX5012AEPI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEQI MAXIM-MAX5012AEQI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
More results

Similar Description - MAX5014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5019 MAXIM-MAX5019 Datasheet
328Kb / 14P
   Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5052 MAXIM-MAX5052 Datasheet
349Kb / 13P
   Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Rev 1; 11/03
MAX8540 MAXIM-MAX8540 Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX5975A MAXIM-MAX5975A Datasheet
2Mb / 20P
   Current-Mode PWM Controllers with Frequency Dithering for EMI-Sensitive Power Supplies
Rev 0; 9/10
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
STR5A460 SANKEN-STR5A460 Datasheet
1Mb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
   High Performance, Integrated Current Mode PWM Controllers
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com