Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S21100LSR3 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF5S21100LSR3
Description  The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S21100LSR3 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF5S21100LSR3 Datasheet HTML 1Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 2Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 3Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 4Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 5Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 6Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 7Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 8Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF5S21100LR3 MRF5S21100LSR3
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
42
48
56
34
P3dB = 51.88 dBm (154.17 W)
VDD = 28 Vdc, IDQ = 1050 mA
Pulsed CW, 8
µsec(on), 1msec(off)
Center Frequency = 2140 MHz
Actual
Ideal
P1dB = 51.18 dBm (131.22 W)
55
53
52
50
49
36
37
38
41
40
54
51
35
39
η
5
15
2040
−45
40
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2-Carrier W-DCMA Broadband Performance
VDD = 28 Vdc, Pout = 23 W (Avg.), IDQ = 1050 mA
2−Carrier W−CDMA, 10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
Peak/Avg. = 8.5 dB @ 0.01% Probability (CCDF)
−50
−10
−20
−30
−40
0
2060 2080 2100 2120 2140 2160 2180 2200 2220 2240
14
35
13
30
12
25
11
20
10
−20
9
−25
8
−30
7
−35
6
−40
100
11
16
1
IDQ = 1400 mA
650 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Two-Tone Power Gain versus
Output Power
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two−Tone Measurement, 10 MHz Tone Spacing
1050 mA
850 mA
1250 mA
15
14
13
12
10
100
−55
−15
1
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation Distortion
versus Output Power
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two−Tone Measurement, 10 MHz Tone Spacing
IDQ = 1400 mA
650 mA
1050 mA
850 mA
1250 mA
−20
−25
−30
−35
−40
−45
−50
10
10
−60
−20
1
7th Order
TWO−TONE SPACING (MHz)
Figure 6. Intermodulation Distortion Products
versus Tone Spacing
VDD = 28 Vdc, Pout = 100 W (PEP), IDQ = 1050 mA
Two−Tone Measurements, Center Frequency = 2140 MHz
5th Order
3rd Order
0.1
−25
−30
−35
−40
−45
−50
−55
Pin, INPUT POWER (dBm)
Figure 7. Pulse CW Output Power versus
Input Power
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF5S21100LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21100HR3 FREESCALE-MRF5S21100HR3 Datasheet
395Kb / 12P
   To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
MRF5S21100HSR3 FREESCALE-MRF5S21100HSR3 Datasheet
395Kb / 12P
   To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
More results

Similar Description - MRF5S21100LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF6522-70R3 FREESCALE-MRF6522-70R3 Datasheet
510Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
   The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com