Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE856M02-T1 Datasheet(PDF) 1 Page - NEC

Part # NE856M02-T1
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856M02-T1 Datasheet(HTML) 1 Page - NEC

  NE856M02-T1 Datasheet HTML 1Page - NEC NE856M02-T1 Datasheet HTML 2Page - NEC NE856M02-T1 Datasheet HTML 3Page - NEC NE856M02-T1 Datasheet HTML 4Page - NEC NE856M02-T1 Datasheet HTML 5Page - NEC NE856M02-T1 Datasheet HTML 6Page - NEC NE856M02-T1 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PART NUMBER
NE856M02
EIAJ1 REGISTERED NUMBER
2SC5336
PACKAGE OUTLINE
M02
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0
µA
1.0
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
µA
1.0
hFE2
DC Current Gain at VCE = 10 V, IC = 20 mA
50
120
250
fT
Gain Bandwidth Product at VCE = 10 V, IC = 20 mA
GHz
6.5
CRE3
Feed-back Capacitance at VCB = 10 V, IE = 0, f = 1.0 MHz
pF
0.5
0.8
|S21E|2
Insertion Power Gain at VCE = 10 V, IC = 20 mA, f = 1 GHz
dB
12.0
NF1
Noise Figure 1 at VCE = 10 V, IC = 7 mA, f = 1 GHz
dB
1.1
NF2
Noise Figure 2 at VCE = 10 V, IC = 40 mA, f = 1 GHz
dB
1.8
3.0
NE856M02
NPN EPITAXIAL SILICON
TRANSISTOR HIGH FREQUENCY
LOW DISTORTION AMPLIFIER
HIGH COLLECTOR CURRENT:
100 mA MAX
NEW HIGH GAIN POWER MINI-MOLD PACKAGE
(SOT-89 TYPE)
HIGH OUTPUT POWER AT 1 dB COMPRESSION:
22 dBm TYP at 1 GHz
HIGH IP3:
32 dBm TYP at 1 GHz
FEATURES
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE M02
DESCRIPTION
The NE856M02 is an NPN silicon epitaxial bipolar transistor
designed for medium power applications requiring high dy-
namic range and low intermodulation distortion. This device
offers excellent performance and reliability at low cost through
NEC's titanium, platinum, gold metallization system and direct
nitride passivation of the surface of the chip. The NE856M02
is an excellent choice for low noise amplifiers in the VHF to UHF
band and is suitable for CATV and other telecommunication
applications.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
3.The emitter terminal should be connected to the ground terminal of the 3 terminal capacitance bridge.
PIN CONNECTIONS
E: Emitter
C: Collector
B: Base
California Eastern Laboratories
BOTTOM VIEW
1.6±0.2
1.5±0.1
0.25±0.02
0.42
±0.06
1.5
0.42
±0.06
0.45
±0.06
C
EB
E
4.5±0.1
3.0


Similar Part No. - NE856M02-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE856M02-T1-AZ CEL-NE856M02-T1-AZ Datasheet
206Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results

Similar Description - NE856M02-T1

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
NEC
NE461M02 NEC-NE461M02 Datasheet
45Kb / 5P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com