Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2346 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2346
Description  VOLTAGE AND CURRENT CONTROL IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2346 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2346 Datasheet HTML 1Page - New Japan Radio NJM2346 Datasheet HTML 2Page - New Japan Radio NJM2346 Datasheet HTML 3Page - New Japan Radio NJM2346 Datasheet HTML 4Page - New Japan Radio NJM2346 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NJM2346
- 5 -
Ver.2003-05-21
■TYPICAL CHARACTERISTICS
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Operating Current vs. Temperature
(V+=5V,IPC=off)
0
50
100
150
200
250
300
350
-50 -25
0
25 50 75 100 125 150
Temperature Ta (°C)
Saturation Voltage vs. Temperature
(V
+=5V,I
PC=20mA)
0
0.1
0.2
0.3
-50 -25
0
25 50 75 100 125 150
Temperature Ta (°C)
Reference Voltage vs. Temperature
(V
+=5V,I
REF=0mA)
1.22
1.23
1.24
1.25
1.26
-50 -25
0
255075 100 125 150
Temperature Ta (°C)
Input Offset Voltage vs. Temperature
(V
+=5V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-50 -25
0
25 50 75 100 125 150
Temperature Ta (°C)
Ach
Bch
Input Bias Voltage vs. Temperature
(V
+=5V)
-150
-100
-50
0
50
100
150
-50 -25
0
25 50 75 100 125 150
Temperature Ta (°C)
Ach
Bch


Similar Part No. - NJM2346

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2340 NJRC-NJM2340 Datasheet
125Kb / 6P
   HIGH PRECISION DC/DC CONVERTER CONTROL IC
NJM2340M NJRC-NJM2340M Datasheet
125Kb / 6P
   HIGH PRECISION DC/DC CONVERTER CONTROL IC
NJM2340RB1 NJRC-NJM2340RB1 Datasheet
125Kb / 6P
   HIGH PRECISION DC/DC CONVERTER CONTROL IC
NJM2342 NJRC-NJM2342 Datasheet
84Kb / 6P
   QUAD BUFFER for REFERENCE CIRCUIT IC
NJM2342RB2 NJRC-NJM2342RB2 Datasheet
84Kb / 6P
   QUAD BUFFER for REFERENCE CIRCUIT IC
More results

Similar Description - NJM2346

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
logo
Renesas Technology Corp
M62237FP RENESAS-M62237FP Datasheet
1Mb / 4P
   CONSTANT VOLTAGE CONSTANT CURRENT CONTROL IC
M62237FP RENESAS-M62237FP_07 Datasheet
109Kb / 7P
   Constant Voltage Constant Current Control IC
M62238FP RENESAS-M62238FP_1 Datasheet
2Mb / 6P
   CONSTANT VOLTAGE CONSTANT CURRENT CONTROL2 SYSTEM LED CONTROL IC
logo
Hi-Sincerity Mocroelect...
H134 HSMC-H134 Datasheet
268Kb / 8P
   Constant Voltage and Constant Current Control
H234 HSMC-H234 Datasheet
257Kb / 8P
   Constant Voltage and Constant Current Control
logo
International Rectifier
IRIS4013K IRF-IRIS4013K Datasheet
66Kb / 6P
   Primary current mode control, and secondary voltage mode control
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com