Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2806 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2806
Description  Low Dropout Voltage Regulator with Reset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2806 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2806 Datasheet HTML 1Page - New Japan Radio NJM2806 Datasheet HTML 2Page - New Japan Radio NJM2806 Datasheet HTML 3Page - New Japan Radio NJM2806 Datasheet HTML 4Page - New Japan Radio NJM2806 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJM2806
- 4 -
Ver.2004-01-19
!
TEST CIRCUIT
* Co=4.7µF: Vo≤2.6V
!
TYPICALAPPLICATIONS
NJM2806
VIN
VO
Cd
VOR
GND
VOUT
IOUT
V
RL
2.2
µF
V
0.1
µF
0.1
µF
VIN
IQ
VOR
IOR
NJM2806
VIN
VO
Cd
VOR
GND
VOUT
100k
2.2
µF
0.1
µF
0.1
µF
VIN
VOR


Similar Part No. - NJM2806

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2806DL2 NJRC-NJM2806DL2 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2806DL3 NJRC-NJM2806DL3 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
More results

Similar Description - NJM2806

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
   Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com