Part Name
         Description
2SD288

 NPN EPITAXIAL SILICON TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER) ( 1 Page)


WINGS
100% 
Zoom Out Zoom In
   
 1 page
background image
2SD288
NPN EPITAXIAL SILICON TRANSISTOR
LOW FREQUENCY POWER AMPLIFIER
TO-220
ABSOLUTE MAXIMUM RATINGS (TA=25
oC)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25
oC)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
80
55
5
3
20
150
-50~150
V
V
V
A
W
o
C
oC
ELECTRICAL CHARACTERISTICS (T
A=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Current Gain Bandwidth Product
ICBO
hFE1
VCE(sat)
VCB= 50V , IE=0
VCE= 5V , IC=0.5A
IC=1A ,
IB=0.1A
40
50
240
1.0
µA
Wing Shing Computer Components Co., (H.K)Ltd.
TeL(852)2341 9276 Fax:(852)2797 8153
.
Homepage: http:/ /www.wingshing.com
e_ mail:ws@wingshing.com
V
*
1 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SD1308NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER AND LOW SPEED SWITCHING INDUSTRIAL USE 1 2 List of Unclassifed Manufacturers
2SC4955HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 5 MoreNEC
2SC4956HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC5336NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 MoreNEC
2SC4957HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC5337NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 MoreNEC
2SC2351HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 NEC
2SC4958HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD 1 2 3 4 5 MoreNEC
2SC5338NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 MoreNEC
2SC2570AHIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl