Electronic Components Datasheet Search |
|
STD17NF03L Datasheet(PDF) 5 Page - STMicroelectronics |
|
STD17NF03L Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 14 page STD17NF03L - STD17NF03L-1 Electrical characteristics 5/14 Table 5. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit ISD ISDM (1) 1. Pulse width limited by safe operating area. Source-drain current Source-drain current (pulsed) 22 88 A A VSD (2) 2. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % Forward on voltage ISD = 17A, VGS = 0 1.5 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 17A, di/dt = 100A/µs, VDD = 15V, Tj = 150°C (see Figure 15) 28 18 1.3 ns nC A |
Similar Part No. - STD17NF03L |
|
Similar Description - STD17NF03L |