Electronic Components Datasheet Search |
|
TSH350IDT Datasheet(PDF) 10 Page - STMicroelectronics |
|
TSH350IDT Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 21 page TSH350 Evaluation Boards 10/21 3 Evaluation Boards An evaluation board kit optimized for high speed operational amplifiers is available (order code: KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM containing datasheets, articles, application notes and a user manual: l SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in SOT23-5 package. l SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8 package. l SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package. l SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in inverting and non-inverting configuration, dual and signle supply. l SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package with video application considerations. Board material: l 2 layers l FR4 ( εr=4.6) l epoxy 1.6mm l copper thickness: 35µm Figure 29: Evaluation kit for high speed op-amps |
Similar Part No. - TSH350IDT |
|
Similar Description - TSH350IDT |