Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WU102 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WU102
Description  10/15 Watts WU Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WU102 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WU102 Datasheet HTML 1Page - List of Unclassifed Manufacturers WU102 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
Logic Compatibility ................CMOS or Open Collector TTL
Ec - ON,........................................>+5.5 VDC or Open Circuit
Ec - OFF, ..................................................................<1.8 VDC
Shutdown Idle Current ..................................................10 mA
Input Resistance ......................(Ein 0 VDC to 9 VDC)100KOhm
Control Common ........................Referenced to input Minus
REMOTE ON/OFF CONTROL
Output may optionally be externally trimmed (±5%)
with a fixed resistor or an external trimpot as shown.
EXTERNAL OUTPUT TRIMMING
PIN
SINGLE
DUAL
TRIPLE
1
+ Input
+ Input
Disable
2
- Input
- Input
- Input
3
+ Output
+ Output
+ Input
4
Trim
Common
- Output
5
- Output
- Output
Common
6
Disable
Disable
5 VDC Output
7
-
-
+ Output
NOTES:
1. Voltage accuracy on 3VDC and triple outputs ±3% Max.
Single outputs can be trimmed ±5%.
2. Load regulation ±2% for dual and triple outputs.
3. Triple outputs require minimum of 10% load for rated performance.
4. Remote on/off standard on triple output units, add
suffix “E” to part number for option on single and dual output units.
SINGLE/DUAL OUTPUT
TRIPLE OUTPUT
OUTPUT VOLTAGE & CURRENT RATINGS
WU
Model
Input
Output
Output
Input Current
%
Voltage
Voltage
Current
No Load
Full Load
Efficiency
WU100
4.5-6.0 VDC
3.3 VDC
3000 mA
10 mA
2470 mA
80
WU101
4.5-6.0 VDC
5.0 VDC
2000 mA
10 mA
2620 mA
76
WU102
4.5-6.0 VDC
12.0 VDC
800 mA
10 mA
2520 mA
76
WU103
4.5-6.0 VDC
15.0 VDC
667 mA
10 mA
2510 mA
80
WU104
4.5-6.0 VDC
±5.0 VDC
±1000 mA
10 mA
2620 mA
76
WU105
4.5-6.0 VDC
±12.0 VDC
±400 mA
10 mA
2520 mA
76
WU106
4.5-6.0 VDC
±15.0 VDC
±333 mA
10 mA
2510 mA
79
WU200
9.0-18.0 VDC
3.3 VDC
3000 mA
10 mA
1030 mA
80
WU201
9.0-36.0 VDC
5.0 VDC
3000 mA
30 mA
1560 mA
80
WU202
9.0-36.0 VDC
12.0 VDC
1250 mA
30 mA
1540 mA
81
WU203
9.0-36.0 VDC
15.0 VDC
1000 mA
30 mA
1525 mA
82
WU204
9.0-36.0 VDC
±5.0 VDC
±1500 mA
30 mA
1560 mA
80
WU205
9.0-36.0 VDC
±12.0 VDC
±625 mA
30 mA
1540 mA
81
WU206
9.0-36.0 VDC
±15.0 VDC
±500 mA
30 mA
1520 mA
82
WU207
9.0-36.0 VDC
5.0/±12.0 VDC
1500/±310 mA
20 mA
1576 mA
79
WU208
9.0-36.0 VDC
5.0/±15 VDC
1500/±250 mA
20 mA
1582 mA
79
WU209
9.0-36.0 VDC
5.0/+12.0/–5.0 VDC
1500/310/500 mA
20 mA
1447 mA
79
WU300
18.0-36.0 VDC
3.3 VDC
3000 mA
10 mA
500 mA
83
WU301
20.0-72.0 VDC
5.0 VDC
3000 mA
20 mA
760 mA
82
WU302
20.0-72.0 VDC
12.0 VDC
1250 mA
20 mA
750 mA
83
WU303
20.0-72.0 VDC
15.0 VDC
1000 mA
20 mA
745 mA
84
WU304
20.0-72.0 VDC
±5.0 VDC
±1500 mA
20 mA
760 mA
82
WU305
20.0-72.0 VDC
±12.0 VDC
±625 mA
20 mA
750 mA
83
WU306
20.0-72.0 VDC
±15.0 VDC
±500 mA
20 mA
745 mA
84
WU307
20.0-72.0 VDC
5.0/±12.0 VDC
1500/±310 mA
15 mA
778 mA
80
WU308
20.0-72.0 VDC
5.0/±15.0 VDC
1500/±250 mA
15 mA
781 mA
80
WU309
20.0-72.0 VDC
5.0/+12.0/–5.0 VDC
1500/310/500 mA
15 mA
715 mA
80
WU400
36.0-72.0 VDC
3.3 VDC
3000 mA
10 mA
245 mA
84
Dimensions in inches (mm).
Note: Nominal Input Voltage 5,12, 24 or 48 VDC
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
26


Similar Part No. - WU102

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WU102 XPPOWER-WU102 Datasheet
67Kb / 2P
   DC-DC Converters
More results

Similar Description - WU102

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
   10/15 Watts
logo
Bothhand USA, LP.
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
VCP15 XPPOWER-VCP15 Datasheet
136Kb / 2P
   15 Watts VCP Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
XP Power Limited
JTF0824S3V3 XPPOWER-JTF0824S3V3 Datasheet
280Kb / 2P
   815 Watts JTF Series
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com