Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE116CA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VRE116CA
Description  Precision Reference Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE116CA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VRE116CA Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE116CA Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE116CA Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE116CA Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE116CA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INCHES
MILLIMETER
14-PIN HYBRID
PACKAGE
TOP VIEW
TOP VIEW
VRE116
VRE114
(VRE115)
GND
REF. GND
NC
-PS
NC
NC
NC
FINE ADJ.
+1.5V (-1.5V)
FINE ADJ.
+PS (-PS)
NC
NC
NC
FINE +ADJ.
+1.5V
FINE +ADJ.
+PS
NC
NC
NC
GND
REF. GND
NC
-1.5V
FINE -ADJ.
FINE -ADJ.
-PS
DIM
MIN
MAX
MIN
MAX
DIM
MIN
MAX
MIN
MAX
E.
480
.500
12.1
12.7
A
.120
.155
3.0
4.0
L.
195
.215
4.9
5.4
Q
.015
.035
0.4
0.9
D.
775
.805
19.7
20.4
Q1
N/A
.030
N/A
0.7
B.
016
.020
0.4
0.5
C
.009
.012
0.2
0.3
B1
.038
.042
0.9
1.0
G1
.290
.310
7.3
7.8
B2
.095
.105
2.4
2.6
S.
085
.105
2.1
2.6
P.
004
.006
0.10
0.15
EXTERNAL CONNECTIONS
FIGURE 1
INCHES
MILLIMETER
MECHANICAL
PIN CONFIGURATION
1. Optional Fine Adjust for approximately ±5mV. VRE115 trim pot center tap connects to -15V.
VRE114DS REV. C NOV 2000


Similar Part No. - VRE116CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
   Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE117 CIRRUS-VRE117 Datasheet
766Kb / 5P
   Precision Voltage Reference
VRE117 CIRRUS-VRE117 Datasheet
816Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE117C ETC2-VRE117C Datasheet
425Kb / 5P
   Precision Reference Supplies
More results

Similar Description - VRE116CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
   Precision Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
   Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
   Precision Reference Supplies
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
   Precision Reference Supplies
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com