Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC243 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC243
Description  Quad bus transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC243 Datasheet HTML 7Page - NXP Semiconductors 74HC243 Datasheet HTML 8Page - NXP Semiconductors 74HC243 Datasheet HTML 9Page - NXP Semiconductors 74HC243 Datasheet HTML 10Page - NXP Semiconductors 74HC243 Datasheet HTML 11Page - NXP Semiconductors 74HC243 Datasheet HTML 12Page - NXP Semiconductors 74HC243 Datasheet HTML 13Page - NXP Semiconductors 74HC243 Datasheet HTML 14Page - NXP Semiconductors 74HC243 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
9397 750 13808
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
11 of 17
Philips Semiconductors
74HC243
Quad bus transceiver; 3-state
VM = 0.5 × VI.
Fig 7.
Waveforms showing the 3-state enable and disable times for input OEB
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse
generator.
Fig 8.
Load circuitry for switching times
Table 9:
Test data
Supply
Input
Load
S1
VCC
VI
tr = tf
CL
RL
tPZL, tPLZ
tPZH, tPHZ
tPHL, tPLH
2.0 V
VCC
6 ns
50 pF
1 k
VCC
GND
open
4.5 V
VCC
6 ns
50 pF
1 k
VCC
GND
open
6.0 V
VCC
6 ns
50 pF
1 k
VCC
GND
open
5.0 V
VCC
6 ns
15 pF
1 k
VCC
GND
open
VM
OEB input
output
LOW to OFF
OFF to LOW
output
HIGH to OFF
OFF to HIGH
VM
001aab956
tf
tr
90 %
10 %
tPLZ
VM
tPZL
tPHZ
tPZH
10 %
90 %
outputs
disabled
outputs
enabled
outputs
enabled
open
GND
VCC
VCC
VI
VO
mna232
D.U.T.
CL
RT
RL =
1000
PULSE
GENERATOR
S1


Similar Part No. - 74HC243

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
More results

Similar Description - 74HC243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
   3-State Quad Bus Transceiver
logo
STMicroelectronics
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
logo
STMicroelectronics
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
171Kb / 11P
   QUAD BUS TRANSCEIVER (3 - STATE)
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
   Quad Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com