Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF2441 Datasheet(PDF) 5 Page - OKI electronic componets

Part # KGF2441
Description  AGC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF2441 Datasheet(HTML) 5 Page - OKI electronic componets

  KGF2441 Datasheet HTML 1Page - OKI electronic componets KGF2441 Datasheet HTML 2Page - OKI electronic componets KGF2441 Datasheet HTML 3Page - OKI electronic componets KGF2441 Datasheet HTML 4Page - OKI electronic componets KGF2441 Datasheet HTML 5Page - OKI electronic componets KGF2441 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/5
KGF2441
¡ electronic components
0.01
mF
7pF
RF
IN
0.15
mH
0.1
mH
1000pF
0.22
mH
14pF
RF
OUT
C1
0.01
mF
C2
0.01
mF
r
e
C3
0.01
mF
w
39
W
39
W
39
W
tq
yu
i
78
W
VAGC
VDD
KGF2441
Test Circuit for KGF2441 at 130 MHz


Similar Part No. - KGF2441

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KGF20N05D RENESAS-KGF20N05D Datasheet
546Kb / 10P
   N-Channel 5.5V Dual Power MOSFET
Feb 1, 2018
logo
KEC(Korea Electronics)
KGF20N60KDA KEC-KGF20N60KDA Datasheet
1Mb / 8P
   High speed switching
KGF20N60PA KEC-KGF20N60PA Datasheet
1Mb / 6P
   High speed switching
logo
OKI electronic componet...
KGF2512 OKI-KGF2512 Datasheet
75Kb / 6P
   Midium Power Amplifier for L-band
logo
KEC(Korea Electronics)
KGF25N120KDA KEC-KGF25N120KDA Datasheet
1Mb / 8P
   High speed switching
More results

Similar Description - KGF2441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com