Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC243DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC243DB
Description  Quad bus transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC243DB Datasheet HTML 3Page - NXP Semiconductors 74HC243DB Datasheet HTML 4Page - NXP Semiconductors 74HC243DB Datasheet HTML 5Page - NXP Semiconductors 74HC243DB Datasheet HTML 6Page - NXP Semiconductors 74HC243DB Datasheet HTML 7Page - NXP Semiconductors 74HC243DB Datasheet HTML 8Page - NXP Semiconductors 74HC243DB Datasheet HTML 9Page - NXP Semiconductors 74HC243DB Datasheet HTML 10Page - NXP Semiconductors 74HC243DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
9397 750 13808
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
7 of 17
Philips Semiconductors
74HC243
Quad bus transceiver; 3-state
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −6.0 mA; VCC = 4.5 V
3.84
-
-
V
IO = −7.8 mA; VCC = 6.0 V
5.34
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
-
0.33
V
IO = 7.8 mA; VCC = 6.0 V
-
-
0.33
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
IOZ
3-state OFF-state current
VI =VIH or VIL; VCC = 6.0 V;
VO =VCC or GND
--
±5.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
--80
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
-
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −6.0 mA; VCC = 4.5 V
3.7
-
-
V
IO = −7.8 mA; VCC = 6.0 V
5.2
-
-
V
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HC243DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
More results

Similar Description - 74HC243DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
   3-State Quad Bus Transceiver
logo
STMicroelectronics
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
   Quad bus transceiver; 3-state
December 1990
logo
STMicroelectronics
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
171Kb / 11P
   QUAD BUS TRANSCEIVER (3 - STATE)
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
   Quad Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com