Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC283D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC283D
Description  4-bit binary full adder with fast carry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC283D Datasheet HTML 7Page - NXP Semiconductors 74HC283D Datasheet HTML 8Page - NXP Semiconductors 74HC283D Datasheet HTML 9Page - NXP Semiconductors 74HC283D Datasheet HTML 10Page - NXP Semiconductors 74HC283D Datasheet HTML 11Page - NXP Semiconductors 74HC283D Datasheet HTML 12Page - NXP Semiconductors 74HC283D Datasheet HTML 13Page - NXP Semiconductors 74HC283D Datasheet HTML 14Page - NXP Semiconductors 74HC283D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
9397 750 13811
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
11 of 20
Philips Semiconductors
74HC283
4-bit binary full adder with fast carry
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC2 × fo) sum of outputs.
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay CIN to S1
see Figure 6
VCC = 2.0 V
-
-
240
ns
VCC = 4.5 V
-
-
48
ns
VCC = 6.0 V
-
-
41
ns
propagation delay CIN to S2
see Figure 6
VCC = 2.0 V
-
-
270
ns
VCC = 4.5 V
-
-
54
ns
VCC = 6.0 V
-
-
46
ns
propagation delay CIN to S3
see Figure 6
VCC = 2.0 V
-
-
295
ns
VCC = 4.5 V
-
-
59
ns
VCC = 6.0 V
-
-
50
ns
propagation delay CIN to S4
see Figure 6
VCC = 2.0 V
-
-
345
ns
VCC = 4.5 V
-
-
69
ns
VCC = 6.0 V
-
-
59
ns
propagation delay An or Bn to Sn
see Figure 6
VCC = 2.0 V
-
-
315
ns
VCC = 4.5 V
-
-
63
ns
VCC = 6.0 V
-
-
54
ns
propagation delay CIN to COUT
see Figure 6
VCC = 2.0 V
-
-
295
ns
VCC = 4.5 V
-
-
59
ns
VCC = 6.0 V
-
-
50
ns
propagation delay An or Bn to
COUT
see Figure 6
VCC = 2.0 V
-
-
295
ns
VCC = 4.5 V
-
-
59
ns
VCC = 6.0 V
-
-
50
ns
tTHL, tTLH
output transition time
see Figure 6
VCC = 2.0 V
-
-
110
ns
VCC = 4.5 V
-
-
22
ns
VCC = 6.0 V
-
-
19
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HC283D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results

Similar Description - 74HC283D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com