Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL066EVAL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL066EVAL
Description  Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL066EVAL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12DL066EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL066EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD,VDR
4.2V
|V
A–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to (V
A or VD
+0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+3.0V to +3.6V
Output Driver Supply (V
DR)
+2.4V to V
D
V
REF Input
0.8V to 1.5V
CLK, PD, OE
−0.05V to (V
D + 0.05V)
Analog Input Pins
0V to (V
A − 0.5V)
V
CM
0.5V to 1.5V
|AGND–DGND|
≤100mV
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, INT/EXT REF pin = +3.3V, V
REF = +1.0V, fCLK = 66 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin. Bold-
face limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
INL
Integral Non Linearity (Note 11)
±1.2
±3.0
LSB (max)
DNL
Differential Non Linearity
±0.5
±1.0
LSB (max)
PGE
Posiitive Gain Error
±0.2
±3.6
%FS (max)
NGE
Negative gain Error
±0.2
±3.6
%FS (max)
TC GE
Gain Error Tempco
−40˚C
≤ T
A
≤ +85˚C
0.5
ppm/˚C
V
OFF
Offset Error (V
IN+=VIN−)
0.18
+1.3
-0.9
%FS (max)
%FS (min)
TC
V
OFF
Offset Error Tempco
−40˚C
≤ T
A
≤ +85˚C
0.1
ppm/˚C
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
1.0
0.5
V (min)
1.5
V (max)
C
IN
V
IN Input Capacitance (each pin to
GND)
V
IN = 2.5 Vdc
+ 0.7 V
rms
(CLK LOW)
8
pF
(CLK HIGH)
7
pF
V
REF
Reference Voltage (Note 13)
1.00
0.8
V (min)
1.5
V (max)
Reference Input Resistance
100
M
Ω (min)
www.national.com
5


Similar Part No. - ADC12DL066EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL066EVAL NSC-ADC12DL066EVAL Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066EVAL NSC-ADC12DL066EVAL Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
More results

Similar Description - ADC12DL066EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066_08 Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com