Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2031RI-TU Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA2031RI-TU
Description  Stereo 2.6W Audio Amplifier(With Gain Control)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2031RI-TU Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA2031RI-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 9Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 10Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 11Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 12Page - Anpec Electronics Coropration APA2031RI-TU Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Apr., 2004
APA2030/2031
www.anpec.com.tw
9
4
4
S hutd o wn
Sign al
S hutd o wn
ckt
LO UT +
LO UT -
RO UT +
RO UT -
LIN-
RIN-
SHUT DO WN
BY PAS S
Vb i a s
Ga i n
se lecta b le
Vb i a s
LIN+
RIN+
L-INP UT
0.4 7 µ F
VDD
VDD
P V DD
GND
0
0.4 7µ F
GAIN0
GAIN1
0.4 7 µ F
0.4 7µ F
0.4 7 µ F
R-INP UT
10 0 µ F
0.1 µ F
APA 2031
Typical Application Circuit
(for APA2031 using SE input signal)


Similar Part No. - APA2031RI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2031RI-TRG ANPEC-APA2031RI-TRG Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
More results

Similar Description - APA2031RI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
   2.6W STEREO AUDIO AMPLIFIER
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com