Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5523 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5523
Description  Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5523 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5523 Datasheet HTML 3Page - Anpec Electronics Coropration APL5523 Datasheet HTML 4Page - Anpec Electronics Coropration APL5523 Datasheet HTML 5Page - Anpec Electronics Coropration APL5523 Datasheet HTML 6Page - Anpec Electronics Coropration APL5523 Datasheet HTML 7Page - Anpec Electronics Coropration APL5523 Datasheet HTML 8Page - Anpec Electronics Coropration APL5523 Datasheet HTML 9Page - Anpec Electronics Coropration APL5523 Datasheet HTML 10Page - Anpec Electronics Coropration APL5523 Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - July., 2004
APL5523
www.anpec.com.tw
11
Cover Tape Dimensions
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Customer Service
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOP- 8/P
12
9.3
2500


Similar Part No. - APL5523

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523KAC-TRG ANPEC-APL5523KAC-TRG Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523KC-TRG ANPEC-APL5523KC-TRG Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
More results

Similar Description - APL5523

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
   500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com