Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2068KAI-TUL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA2068KAI-TUL
Description  Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2068KAI-TUL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA2068KAI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 11Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 12Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jul., 2005
APA2068
www.anpec.com.tw
9
Typical Characteristics (Cont.)
Output Power (W)
Output Power (W)
Frequency (Hz)
Frequency (Hz)
0.01
10
0.1
1
20
20k
100
1k
10k
VDD = 5V
RL=4
Po=1.5W
BTL
Av = 20dB
Av = 6dB
0.01
10
0.1
1
20
20k
100
1k
10k
VDD = 5V
Av= 6dB
RL=4
BTL
Po = 0.8W
Po = 1.5W
0.01
10
0.1
1
0
3.5
0.5
1
1.5
2
2.5
3
Av = 20dB
Av = 6dB
VDD = 5V
F= 1KHz
RL=8
BTL
0.01
10
0.1
1
10m
5
100m
1
F = 20KHz
F = 20Hz
F = 1KHz
VDD = 5V
Av = 20dB
RL=8
BTL
THD+N vs. Output Power
THD+N vs. Output Power
THD+N vs. Frequency
THD+N vs. Frequency


Similar Part No. - APA2068KAI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068KAI-TRG ANPEC-APA2068KAI-TRG Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2068KAI-TRL ANPEC-APA2068KAI-TRL Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
More results

Similar Description - APA2068KAI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com