Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1388 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT1388
Description  6-Channel DC-DC Controller for DSC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1388 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT1388 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1388 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AT1388/AT1388A
Preliminary Product Information
6-Channel DC-DC Controller for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
Electrical Characteristics
(TA=25℃, VCC=PVCC=5V)
Measure result
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Reference voltage block [REF]
Regulator voltage
V
REG
2.25
2.30
2.35
V
Output voltage temperature
stability
V
REF
/V
REF
TA = -30℃ to 85℃
-0.5
-
%
Input stability
Line
VCC=2.5V to 6V
-80
-
80
mV
Load stability
Load
VREG=0mA to –10mA
-20
-
20
mV
Under voltage lockout block [U.V.L.O]
Threshold voltage(CH1~CH5)
V
TH
2.0
2.2
2.3
V
Hysteresis width(CH1~CH5)
V
H1_5
0.05
0.1
0.3
V
CH6 Pre-OSC change to Main-
OSC threshold
V
TH6
2.2
2.3
2.5
V
Hysteresis width(CH6 Pre-OSC
change to Main-OSC threshold)
V
H6
0.05
0.1
0.3
V
Pre-OSC frequency
f
PRE-OSC
320
400
480
KHz
Soft start block [CS]
Charge current
I
CS
-1.5
-1.0
-0.7
μ
A
Valid Threshold voltage
0.3
-
0.8
V
Short circuit detection block [SCP]
Threshold voltage
V
TH
0.80
0.90
1.00
V
Input source current
I
CSCP
-1.5
-1.0
-0.6
μ
A
Short detect comparator [SCP Comp]
Threshold voltage
V
TH
CH1 to CH6
0.65
0.7
0.75
V
Input bias current
I
B
IN=0V
-320
-80
-
nA
Triangular wave oscillator block [OSC]
Oscillator frequency
f
OSC
CT=82pF
400
500
600
kHz
Frequency stability for voltage
△f
/fdv
VCC=2.5V to 6V
-
1
10
%
Frequency stability for
temperature
△f
/fdt
TA=-30℃ to 85℃
-1
10
%
Error amplifier block [Error Amp](CH1~CH6)


Similar Part No. - AT1388

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380 AIMTRON-AT1380 Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1380AP AIMTRON-AT1380AP Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1380AS AIMTRON-AT1380AS Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
AT1382A AIMTRON-AT1382A Datasheet
620Kb / 25P
   4-Channel DC-DC Converter for DSC
More results

Similar Description - AT1388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1382A AIMTRON-AT1382A Datasheet
620Kb / 25P
   4-Channel DC-DC Converter for DSC
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com