Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4168 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B4168
Description  Low-Loss Filter for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B4168 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B4168 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4168 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4168 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4168 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4168 Datasheet HTML 5Page - List of Unclassifed Manufacturers B4168 Datasheet HTML 6Page - List of Unclassifed Manufacturers B4168 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Jun 05, 2002
SAW Components
B4168
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCC6C
Features
q
Low-loss RF filter for mobile telephone
PCS systems, receive path
q
Usable passband 60 MHz
q
No matching network required for operation
at 50
q
Suitable for GPRS class 1 to 12
q
Ceramic Package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
1, 3
Input - ground
5
Output
4, 6
Output - ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4168
B39202-B4168-U410
C61157-A7-A67
F61074-V8088-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 75
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
3V
Input power at
GSM850, GSM900
GSM1800, GSM1900
Tx bands
PIN
PIN
15
12
dBm
dBm
peak power of GSM signal,
duty cycle 4:8


Similar Part No. - B4168

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41687A5108Q001 TDK-B41687A5108Q001 Datasheet
51Kb / 22P
   Axial Capacitors
B41687A5108Q003 TDK-B41687A5108Q003 Datasheet
51Kb / 2P
   Axial Capacitors
B41687A5138Q001 TDK-B41687A5138Q001 Datasheet
51Kb / 2P
   Axial Capacitors
B41687A5138Q003 TDK-B41687A5138Q003 Datasheet
51Kb / 2P
   Axial Capacitors
B41687A5178Q001 TDK-B41687A5178Q001 Datasheet
51Kb / 2P
   Axial Capacitors
More results

Similar Description - B4168

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com