Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW34063KC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW34063KC-TR
Description  1.5A, DC/DC Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW34063KC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW34063KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 12Page - Anpec Electronics Coropration APW34063KC-TR Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - May., 2005
APW34063
www.anpec.com.tw
10
Packaging Information
1
D
E1
A2
A1
A
L
e2
e 3
e 1
E
E3
1
PDIP-8 pin ( Reference JEDEC Registration MS-001)
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.68
0.115
0.145
D
9.02
10.16
0.355
0.400
e1
2.54BSC
0.100BSC
e2
0.36
0.56
0.014
0.022
e3
1.14
1.78
0.045
0.070
E
7.62 BSC
0.300 BSC
E1
6.10
7.11
0.240
0.280
E3
10.92
0.430
L
2.92
3.81
0.115
0.150
φ 1
15
°
15
°


Similar Part No. - APW34063KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW34063KC-TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
2SK4022 TOSHIBA-2SK4022_09 Datasheet
183Kb / 6P
   Switching Regulators, DC-DC Converters and
2SK4021 TOSHIBA-2SK4021_09 Datasheet
238Kb / 6P
   Switching Regulators and DC-DC Converter Applications
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
First Components Intern...
FC3255 FCI-FC3255 Datasheet
2Mb / 18P
   1.5A PWM Switching Regulators
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Toshiba Semiconductor
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com