Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7093QAI-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7093QAI-TRL
Description  3A, 1MHz, Step Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7093QAI-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7093QAI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2005
APW7093
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3A, 1MHz, Step Down DC/DC Regulator
Source/Sink 3A
Up to 1MHz Switches Frequency
Up to 94% Efficiency
Internal PMOS/NMOS Switches
- 70m
Ω/40mΩ On-Resistance at VIN = 4.5V
- 90m
Ω/60mΩ On-Resistance at VIN = 3V
±1% Output Accuracy
1.1V to VINAdjustable Output Voltage
3V to +5.5V Input Voltage Range
<1µA Shutdown Supply Current
Programmable Constant-Off-Time Operation
Thermal Shutdown
Adjustable Soft-Start Inrush Current Limiting
Output Short-Circuit Protection
Lead Free Available (RoHS Compliant)
Features
Applications
Motherboard
Graphics Cards
Cable or DSL Modems, Set Top Boxes
DSP Supplies
Memory Supplies
5V Input DC-DC Regulators
Distributed Power Supplies
General Description
The APW7093 is a reversible energy flow, constant-
off-time, pulse-width modulated (PWM), step-down
DC-DC converter. It is ideal for use in notebook and
sub-notebook computers that require 1.1V to 5V
active termination power supplies. This device features
an internal PMOS power switch and internal
synchronous rectifier for high efficiency and reduced
component count. The internal 90m
PMOS power
switch and 60m
NMOS synchronous-rectifier switch
easily deliver continuous load currents up to 3A. The
APW7093 accurately tracks an external reference
voltage, produces an adjustable output from 1.1V to
VIN, and achieves efficiencies as high as 94%.
The APW 7093 uses a unique current-m ode,
constant-off-time, PWM control scheme that allows
the output to source or sink current. This feature
allows energy to return to the input power supply that
otherwise would be wasted. The programmable
constant-off-time architecture sets switching frequencies
up to 1MHz, allowing the user to optimize performance
trade-offs between efficiency, output switching noise,
component size, and cost. The APW7093 features an
adjustable soft-start to limit surge currents during
startup, a 100% duty-cycle mode for low-dropout
operation, and a low-power shutdown mode that disables
the power switches and reduces supply current below
1µA. The APW7093 is available in a 32-pin QFN with
an exposed backside pad or a 16-pin SSOP.


Similar Part No. - APW7093QAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095 Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095AQBE-TY ANPEC-APW7095AQBE-TY Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095AQBE-TYL ANPEC-APW7095AQBE-TYL Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
More results

Similar Description - APW7093QAI-TRL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
G5656 GMT-G5656 Datasheet
171Kb / 2P
   3A Step-down DC/DC
G5753 GMT-G5753 Datasheet
90Kb / 1P
   3A Step-down DC/DC
G5764 GMT-G5764 Datasheet
81Kb / 1P
   3A Step-down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com