Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7093QAI-TRL Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7093QAI-TRL
Description  3A, 1MHz, Step Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7093QAI-TRL Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7093QAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW7093QAI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2005
APW7093
www.anpec.com.tw
6
Typical Application
LX
PGND
GND
FB
REF
SS
IN
VCC
EXTREF
TOFF
APW7093
L
220
µF
15m
0.1
µF
0.01
µF
33
µF
1
µF
VEXTREF
RTOFF
10
VIN
VOUT
SHDN
50K
R2
Fig2. Typical Applicatin Circuit
FOR VIN =5V: L=1mH, RTOFF=100kW
FOR VIN=3.3V: L=0.68mH, RTOFF=68kW
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
0
10
20
30
40
50
0
1
2
3
4
5
6
Typical Characteristics
Effienciency vs. Output Current
Output Current(A)
VIN=5V, VOUT=3.3V
VIN=5V, VOUT=1.25V
VIN=3.3V, VOUT=1.25V
No Load Supply Current vs. Input Voltage
Input Voltage(V)
(Circuit of Figure2, VOUT=1.25V, for VIN=3.3V: L: 0.68
µH, RTOFF=68kΩ; for VIN=5V: L=1µH, TOFF=100kΩ. TA=25C
if not specially)
VOUT=1.25V
RTOFF=68k
VIN=5V, VOUT=2.5V


Similar Part No. - APW7093QAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095 Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095AQBE-TY ANPEC-APW7095AQBE-TY Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095AQBE-TYL ANPEC-APW7095AQBE-TYL Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
More results

Similar Description - APW7093QAI-TRL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
G5656 GMT-G5656 Datasheet
171Kb / 2P
   3A Step-down DC/DC
G5753 GMT-G5753 Datasheet
90Kb / 1P
   3A Step-down DC/DC
G5764 GMT-G5764 Datasheet
81Kb / 1P
   3A Step-down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com