Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3245APW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT3245APW
Description  Octal bus switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3245APW Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT3245APW Datasheet HTML 1Page - NXP Semiconductors CBT3245APW Datasheet HTML 2Page - NXP Semiconductors CBT3245APW Datasheet HTML 3Page - NXP Semiconductors CBT3245APW Datasheet HTML 4Page - NXP Semiconductors CBT3245APW Datasheet HTML 5Page - NXP Semiconductors CBT3245APW Datasheet HTML 6Page - NXP Semiconductors CBT3245APW Datasheet HTML 7Page - NXP Semiconductors CBT3245APW Datasheet HTML 8Page - NXP Semiconductors CBT3245APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
CBT3245A
Octal bus switch
2
2003 Jun 27
FEATURES
Standard ’245-type pinout
5 Ω switch connection between two ports
TTL compatible control input levels
Package options include plastic small outline (D), shrink small
outline (DB), thin shrink small outline (TSSOP)
Latch-up protection exceeds 500 mA per JESD78
ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
DESCRIPTION
The CBT3245A provides eight bits of high-speed TTL-compatible
bus switching in a standard ’245 device pinout. The low on-state
resistance of the switch allows connections to be made with minimal
propagation delay.
The CBT3245A device is organized as one 8-bit switch. When
enable (OE) is LOW, the switch is on and port A is connected to
port B. When OE is HIGH, the switch is open and a high-impedance
state exists between the two ports.
The CBT3245A is characterized for operation from -40 to +85
°C.
PIN CONFIGURATION — SO, SSOP, QSOP, AND
TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
A1
A2
A3
A4
A5
A6
A7
A8
B7
GND
B6
B5
B4
B3
B2
B1
OE
VCC
B8
SA00507
Figure 1. Pin configuration — SO, SSOP, QSOP, and TSSOP
PIN CONFIGURATION — DHVQFN
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
A1
A2
A3
A4
A5
A6
A7
A8
B7
GND
B6
B5
B4
B3
B2
B1
OE
VCC
B8
SA00649
GND*
* THE DIE SUBSTRATE IS ATTACHED TO THIS PAD USING CONDUCTIVE DIE
ATTACH MATERIAL. IT CANNOT BE USED AS A SUPPLY PIN OR INPUT.
** PIN 1 INDICATION DOT
**
Figure 2. Pin configuration — DHVQFN (top view)
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
NC
No internal connection
19
OE
Output enable input
2, 3, 4, 5, 6, 7, 8, 9
A1-A8
Inputs
18, 17, 16, 15, 14,
13, 12, 11
B1-B8
Outputs
10
GND
Ground (0V)
20
VCC
Positive supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DWG NUMBER
20-Pin Plastic DHVQFN
-40 to 85
°C
CBT3245ABQ
CT3245A
SOT764-1
20-Pin Plastic TSSOP
-40 to 85
°C
CBT3245APW
CT3245A
SOT360-1
20-Pin Plastic SSOP (QSOP)
-40 to 85
°C
CBT3245ADS
CT3245ADS
SOT724-1
20-Pin Plastic SSOP
-40 to 85
°C
CBT3245ADB
CT3245A
SOT339-1
20-Pin Plastic SO
-40 to 85
°C
CBT3245AD
CBT3245AD
SOT163-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.


Similar Part No. - CBT3245APW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3245APW NEXPERIA-CBT3245APW Datasheet
214Kb / 10P
   Octal bus switch
Rev. 6 - 21 March 2022
CBT3245APW-Q100 NEXPERIA-CBT3245APW-Q100 Datasheet
222Kb / 12P
   Octal bus switch
More results

Similar Description - CBT3245APW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com