Electronic Components Datasheet Search |
|
CXD3152AR Datasheet(PDF) 1 Page - Sony Corporation |
|
CXD3152AR Datasheet(HTML) 1 Page - Sony Corporation |
1 / 45 page CXD3152AR Signal Processor LSI for Single-chip CCD B/W Camera Description The CXD3152AR is a digital signal processor LSI for CCD black-and-white cameras. In addition to the CDS and AGC circuits of conventional analog signal processor LSI, this chip also features the ease of use and functions of digital signal processing. Features • Supports 510H/760H system CCD image sensors • Supports EIA/CCIR modes • Built-in CDS and AGC circuits • Built-in 10-bit A/D converter • Built-in 9-bit D/A converter • Analog and digital signal output • Right/left inverted (mirror image) output function • Horizontal and vertical aperture correction function • Gamma correction curve variable function • Serial communication function (I2C bus) • Supports external sync functions (when using the CXD2463R) — Line lock/Vreset HPLL • Supports backlight compensation functions (when using the CXD2463R) • Character input pin • Blemish detection and compensation function Absolute Maximum Ratings • Supply voltage VDD (3.3V) VSS – 0.3 to +4.6 V VDD (5.0V) VSS – 0.3 to +6.0 V • Input voltage VI (3.3V) VSS – 0.3 to VDD3 + 0.3 V VI (5.0V) VSS – 0.3 to VDD5 + 0.3 V • Output voltage VO (3.3V) VSS – 0.3 to VDD3 + 0.3 V VO (5.0V) VSS – 0.3 to VDD5 + 0.3 V • Operating temperature Topr –20 to +75 °C • Storage temperature Tstg –55 to +125 °C Recommended Operating Conditions • Supply voltage VDD (3.3V) 3.0 to 3.6 V VDD (5.0V) 4.75 to 5.25 V Applications Various CCD black-and-white cameras Applicable CCD Image Sensors∗ 510H system CCDs (Type 1/3, 1/4 EIA/CCIR) 760H system CCDs (Type 1/2, 1/3, 1/4 EIA/CCIR) Supported Related LSIs TG : CXD2463R EEPROM : S-24C01B (Seiko Instruments Co., Ltd.) or equivalent product ∗ Applicable CCD Image Sensors are applicable products as of preparing this data sheet. They may be changed according to the version up and production stop of CCD image sensor. – 1 – E03551B46 Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. 64 pin LQFP (Plastic) |
Similar Part No. - CXD3152AR |
|
Similar Description - CXD3152AR |