Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3019-28ST Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3019-28ST
Description  Micropower, 500mA Low Noise CMOS LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3019-28ST Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3019-28ST Datasheet HTML 1Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 2Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 3Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 4Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 5Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 6Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 7Page - California Micro Devices Corp CM3019-28ST Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CALIFORNIA MICRO DEVICES
Preliminary
CM3019
© 2004 California Micro Devices Corp. All rights reserved
02/20/04
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3
Specifications
Absolute Maximum Ratings
Operating Conditions
Parameter
Rating
Unit
Parameter
Range
Uni
t
VIN Voltage
+ 6.0, Gnd - 0.6
V
VIN
2.2 to 6.0
V
EN, VOUT Voltages
VCC + 0.6, Gnd - 0.6
V
Temperature (Ambient)
-40 to +85
°C
Temperature: Storage
- 40 to +150
°C
Load Current
0 to 500
mA
Operating Ambient
-40 to +85
COUT
note2
0-50
µF
Operating Junction
0 to +150
Power Dissipation
Internally limited
W
Electrical Operating Characteristics
VOUT+1V< VIN & 2.5V< VIN < 6V, IOUT=1mA, CIN=2.2uF, TJ=25
oC, C
OUT=2.2
µF, VSD=1.5V, unless specified otherwise.
bold values indicate -40
oC<T
J<125
oC
Symbol
Parameter
Conditions
MIN
TYP
MAX
UNIT
VOUT
Output Voltage Accuracy
TA = 25
oC
0
oC<T
J<125
oC
-40
oC<T
J<125
oC
-1
-2
-3
1
2
3
%
%
%
VR LINE
Line Regulation
Note4
VOUT+1V< VIN & 2.5V< VIN < 6V
0.1
0.2
0.4
%/V
VR LOAD
Load Regulation
IOUT=1mA to 500mA
Note3
VIN=VOUT+1V
0.1
0.25
0.5
%
RDROP
Dropout Resistance
IOUT=1mA to 500mA
VIN=VOUT(nominal)-100mV
0.7
1
1.2
EN tied to VCC, ILOAD = 1mA
150
200
µA
EN tied to VCC, ILOAD = 500mA
165
200
µA
IGND
Ground Current
EN tied to GND, (Disable Mode)
0.01
1
µA
VEN
Enable Voltage
Regulator enabled
1.5
V
VDIS
Disable Voltage
Regulator shutdown
0.4
0.18
V
IEN
Enable Input Current
0.01
µA
PSRR
Power Supply Ripple Rejection
f=1kHz
75
dB
eN
Output Noise Voltage
CBYP=0.1uF, BW=10Hz to 100kHz
30
µVrm
s
CBYP=0uF
80
µs
ton
VOUT Turn-On-Time
CBYP=0.1uF
100
µs
ILIM
Overload Current Limit
800
mA
ISC
Short Circuit Current
VOUT < 0.5V
550
mA
TJSD
Thermal Shutdown Junction
Temperature
165
°C
THYST
Thermal Hysteresis
20
°C
Note 2: Tantalum, electrolytic or low cost ceramic capacitors may be used.
Note 3: Regulation voltages and dropout resistance is measured at constant junction temperature using low duty cycle pulse testing.
Note 4: Line regulation is displayed as the average regulation across the full operating range measured in %/V.
Thermal Performance
Package
θJA Minimum Footprint
θJA 1” square 2oz copper
SOT23-5/SOT23-6
220
OC/W
170
OC/W
MSOP8 Fused
160
OC/W
70
OC/W


Similar Part No. - CM3019-28ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3019-28ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
   Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com