Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE5108AESK Datasheet(PDF) 2 Page - Elpida Memory

Part # EDE5108AESK
Description  512M bits DDR2 SDRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AESK Datasheet(HTML) 2 Page - Elpida Memory

  EDE5108AESK Datasheet HTML 1Page - Elpida Memory EDE5108AESK Datasheet HTML 2Page - Elpida Memory EDE5108AESK Datasheet HTML 3Page - Elpida Memory EDE5108AESK Datasheet HTML 4Page - Elpida Memory EDE5108AESK Datasheet HTML 5Page - Elpida Memory EDE5108AESK Datasheet HTML 6Page - Elpida Memory EDE5108AESK Datasheet HTML 7Page - Elpida Memory EDE5108AESK Datasheet HTML 8Page - Elpida Memory EDE5108AESK Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
EDE5104AESK, EDE5108AESK
Data Sheet E0562E50 (Ver. 5.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
Banks
Speed bin
(CL-tRCD-tRP)
Package
EDE5104AESK-6E-E
EDE5104AESK-5C-E
EDE5104AESK-4A-E
E
128M
× 4
4
DDR2-667 (5-5-5)
DDR2-533 (4-4-4)
DDR2-400 (3-3-3)
60-ball FBGA (
µBGA)
EDE5108AESK-6E-E
EDE5108AESK-5C-E
EDE5108AESK-4A-E
64M
× 8
DDR2-667 (5-5-5)
DDR2-533 (4-4-4)
DDR2-400 (3-3-3)
Part Number
Elpida Memory
Density / Bank
51: 512Mb /4-bank
Organization
04: x4
08: x8
Power Supply, Interface
A: 1.8V, SSTL_18
Die Rev.
Package
SK: FBGA (
µBGA with back cover)
Speed
6E: DDR2-667 (5-5-5)
5C: DDR2-533 (4-4-4)
4A: DDR2-400 (3-3-3)
Product Family
E: DDR2
Type
D: Monolithic Device
E D E 51 04 A E SK - 6E - E
Environment code
E: Lead Free


Similar Part No. - EDE5108AESK

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108ABSE ELPIDA-EDE5108ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108ABSE-4A-E ELPIDA-EDE5108ABSE-4A-E Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108ABSE-5C-E ELPIDA-EDE5108ABSE-5C-E Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108ABSE-AE ELPIDA-EDE5108ABSE-AE Datasheet
700Kb / 65P
   512M bits DDR2 SDRAM for HYPER DIMM
EDE5108ABSE-AE-E ELPIDA-EDE5108ABSE-AE-E Datasheet
700Kb / 65P
   512M bits DDR2 SDRAM for HYPER DIMM
More results

Similar Description - EDE5108AESK

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com