Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC081S101CIMKX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC081S101CIMKX
Description  8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC081S101CIMKX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DAC081S101CIMKX Datasheet HTML 1Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 2Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 3Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 4Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 5Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 6Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 7Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 8Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
A.C. and Timing Characteristics
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, RL =2k
Ω to GND, C
L = 200 pF to GND, fSCLK = 30 MHz, input code range 4 to 251.
Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX: all other limits TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conductions
Typical
Limits
Units
(Limits)
f
SCLK
SCLK Frequency
30
MHz (max)
t
s
Output Voltage Settling Time
(Note 10)
40h to C0h code
change, R
L =2k
C
L
≤ 200 pF
3
5
µs (max)
SR
Output Slew Rate
1
V/µs
Glitch Impulse
Code change from 80h to 7Fh
12
nV-sec
Digital Feedthrough
0.5
nV-sec
t
WU
Wake-Up Time
V
A = 5V
1.6
µs
V
A = 3V
1.9
µs
1/f
SCLK
SCLK Cycle Time
33
ns (min)
t
H
SCLK High time
5
13
ns (min)
t
L
SCLK Low Time
5
13
ns (min)
t
SUCL
Set-up Time SYNC to SCLK Rising
Edge
−15
0
ns (min)
t
SUD
Data Set-Up Time
2.5
5
ns (min)
t
DHD
Data Hold Time
2.5
4.5
ns (min)
t
CS
SCLK fall to rise of SYNC
V
A =5V
0
3
ns (min)
V
A =3V
−2
1
ns (min)
t
SYNC
SYNC High Time
2.7
≤ V
A
≤ 3.6
9
20
ns (min)
3.6
≤ V
A
≤ 5.5
5
10
ns (min)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise specified
Note 3: When the input voltage at any pin exceeds the power supplies (that is, less than GND, or greater than VA), the current at that pin should be limited to 10
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX = (TJmax − TA)/ θJA. The values
for maximum power dissipation will be reached only when the device is operated in a severe fault condition (e.g., when input or output pins are driven beyond the
power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 6: See the section entitled "Surface Mount" found in any post 1986 National Semiconductor Linear Data Book for methods of soldering surface mount devices.
Note 7: The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not damage this device.
However, errors in the conversion result can occur if any input goes above VA or below GND by more than 100 mV. For example, if VA is 2.7VDC, ensure that −100mV
≤ input voltages ≤2.8VDC to ensure accurate conversions.
20155104
Note 8: To guarantee accuracy, it is required that VA be well bypassed.
Note 9: Typical figures are at TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 10: This parameter is guaranteed by design and/or characterization and is not tested in production.
www.national.com
5


Similar Part No. - DAC081S101CIMKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC081S101CIMKX/NOPB TI1-DAC081S101CIMKX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC081S101CIMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com