Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC081S101CIMKX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC081S101CIMKX
Description  8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC081S101CIMKX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC081S101CIMKX Datasheet HTML 4Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 5Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 6Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 7Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 8Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 9Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 10Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 11Page - National Semiconductor (TI) DAC081S101CIMKX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical Performance Characteristics f
SCLK = 30 MHz, TA = 25C, Input Code Range 4 to 251, un-
less otherwise stated
DNL at V
A = 3.0V
DNL at V
A = 5.0V
20155152
20155153
INL at V
A = 3.0V
INL at V
A = 5.0V
20155154
20155155
TUE at V
A = 3.0V
TUE at V
A = 5.0V
20155156
20155157
www.national.com
8


Similar Part No. - DAC081S101CIMKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC081S101CIMKX/NOPB TI1-DAC081S101CIMKX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC081S101CIMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com