Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDR2518ABSE-AD Datasheet(PDF) 2 Page - Elpida Memory

Part # EDR2518ABSE-AD
Description  288M bits Direct Rambus DRAM
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDR2518ABSE-AD Datasheet(HTML) 2 Page - Elpida Memory

  EDR2518ABSE-AD Datasheet HTML 1Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 2Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 3Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 4Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 5Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 6Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 7Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 8Page - Elpida Memory EDR2518ABSE-AD Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
Preliminary Data Sheet
E0260E40 (Ver. 4.0)
2
EDR2518ABSE
Ordering Information
Part number
Organization*
words
× bits × Internal
Banks
Clock frequency
MHz (max.)
/RAS access
time (ns)
Package
EDR2518ABSE-AEP
EDR2518ABSE-AE
EDR2518ABSE-AD
EDR2518ABSE-8C
512K x 18 x 32s
1066
1066
1066
800
32 (-32P)
32 (-32)
35
40
80-ball FBGA (
µBGA)
EDR2518ABSE-AEP-E
EDR2518ABSE-AE-E
EDR2518ABSE-AD-E
EDR2518ABSE-8C-E
1066
1066
1066
800
32 (-32P)
32 (-32)
35
40
Note: The “32s” designation indicates that this RDRAM core is composed of 32 banks which use a “split” bank
architecture
Part Number
Elpida Memory
Density & Bit Organization
2518: 288M (x18 bit)
Voltage, Interface
A: 2.5V, RSL
Die Rev.
Package
SE: FBGA
(
µBGA with back cover)
Speed
AEP: 1066MHz
(tRAC= 32ns,
tDAC= 3clocks)
AE: 1066MHz
(tRAC= 32ns)
AD: 1066MHz
(tRAC= 35ns)
8C: 800MHz
(tRAC= 40ns)
Environment Code
Blank: Sn-Pb Solder
E: Lead Free
Product Code
R: RDRAM
Type
D: Monolithic Device
E D R 25 18 A B SE - AEP - E


Similar Part No. - EDR2518ABSE-AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR201A0500Z ETC1-EDR201A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201A1200Z ETC1-EDR201A1200Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201A2400Z ETC1-EDR201A2400Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201B0500Z ETC1-EDR201B0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201B1200Z ETC1-EDR201B1200Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
More results

Similar Description - EDR2518ABSE-AD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588FF ELPIDA-PD488588FF Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM for High Performance Solution
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
   128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com