Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S86B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ELM7S86B
Description  CMOS LOGIC IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ELM7S86B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ELM7S86B Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 9Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 10Page - List of Unclassifed Manufacturers ELM7S86B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
19
DC ELECTRICAL CHARACTERISTICS
Parameter
Sym. VCC Min. Typ. Ma x.
Min.
Ma x.
Units
2.0
1.5
-
-
1.5
-
VIH
4.5
3.15
-
-
3.15
-
V
Input
6.0
4.2
-
-
4.2
-
Voltage
2.0
-
-
0.5
-
0.5
VIL
4.5
-
-
1.35
-
1.35
V
6.0
-
-
1.8
-
1.8
2.0
1.9
2.0
-
1.9
-
VIN=
4.5
4.4
4.5
-
4.4
-
VIH
IOH = -20μA
VOH
6.0
5.9
6.0
-
5.9
-
V
4.5
4.18
4.36
-
4.13
-
IOH = -2mA
Output
6.0
5.68
5.83
-
5.63
-
IOH = -2.6mA
Voltage
2.0
-
0.0
0.1
-
0.1
VIN=
4.5
-
0.0
0.1
-
0.1
VIH
IOL = 20μA
VOL
6.0
-
0.0
0.1
-
0.1
V
or
4.5
-
0.12
0.26
-
0.33
VIL
IOL = 2mA
6.0
-
0.13
0.26
-
0.33
IOL = 2.6mA
Input Current
IIN
6.0
-0.1
-
0.1
-1.0
1.0
μA
Static Current
ICC
6.0
-
-
1.0
-
10.0
μA
VIN = VCC or GND
Top = -40∼+85℃
Top = 25℃
Conditions
VIN = VCC or GND
CMOS LOGIC IC ELM7S08,ELM7S08B 2-input AND Gate
AC ELECTRICAL CHARACTERISTICS
Parameter
Sym.Min.Typ. Ma x. Units
High Output tTLH
-
4
10
Refer to following
Down-time
tTHL
-
3
10
test circuit
Propagation
tPLH
-
4
15
Refer to following
Delay-time
tPHL
-
5
15
test circuit
( CL=15pF, tr=tf=6ns,VCC=5V )
ns
Top = 25℃
Conditions
ns
SUGGESTED OPERATING CONDITION
Parameter
Symbol
Value
Units
Power Voltage
VCC
2.0∼6.0
V
Input Voltage
VIN
0∼VCC
V
Output Voltage
VOUT
0∼VCC
V
Operating Temp.
Top
-40∼+85
0∼1000 (VCC=2.0V)
tr,tf
0∼500 (VCC=4.5V)
ns
0∼400 (VCC=6.0V)
High-input down-time


Similar Part No. - ELM7S86B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S86B ELM-TECH-ELM7S86B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input Exclusive OR gate
logo
ELM Electronics
ELM7S86B ELM-ELM7S86B Datasheet
324Kb / 3P
   2-input Exclusive OR gate
logo
ELM Technology Corporat...
ELM7S86B ELM-TECH-ELM7S86B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S86B 2-input Exclusive OR gate
More results

Similar Description - ELM7S86B

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SU04B ELM-ELM7SU04B Datasheet
322Kb / 3P
   CMOS LOGIC IC
ELM7SU04BW ELM-ELM7SU04BW Datasheet
327Kb / 3P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
   CMOS LOGIC IC Schmitt Inverter
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter
logo
ELM Electronics
ELM7SH14XB ELM-ELM7SH14XB Datasheet
322Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com